ATS-10F-49-C3-R0
AI

The **ATS-10F-49-C3-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It belongs to the **pushPIN™** series, designed to provide efficient cooling for electronic components like processors, FPGAs, and ASICs.
### 1. Technical Specifications
Below are the key mechanical and thermal characteristics of this specific model:
| Parameter | Specification |
| :--- | :--- |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Dimensions (L x W x H)** | 30.00mm x 30.00mm x 10.00mm |
| **Pitch (Pattern)** | Fine Pitch |
| **Thermal Resistance** | 26.55 °C/W (Unducted Flow @ 100 LFM) |
| **Thermal Interface Material** | T412 (Pre-applied) |
---
### 2. Breakdown of the Part Number
The part number follows a specific nomenclature used by Advanced Thermal Solutions:
* **ATS**: Manufacturer (Advanced Thermal Solutions).
* **10**: Indicates the attachment type (pushPIN™ system).
* **F**: Represents the Fin Pitch (Fine Pitch design for better surface area).
* **49**: The specific size and design profile.
* **C3**: Indicates the Thermal Interface Material (TIM) and finish type.
* **R0**: Revision/Packaging code.
---
### 3. Key Electronic Cooling Features
#### High-Efficiency Fin Design
The heat sink utilizes a fine-pitch fin pattern. This increases the total surface area available for heat dissipation, making it highly effective in environments with forced air (fans).
#### The pushPIN™ Attachment
Unlike adhesive-based heat sinks, this uses a spring-loaded push-pin system.
- **Reliability:** Ensures consistent pressure (clamping force) on the electronic component.
- **Safety:** Prevents the heat sink from shifting or falling off during vibration or shipping.
- **Ease of Install:** Requires pre-drilled holes in the PCB.
#### Pre-Applied Thermal Interface Material (TIM)
The unit comes with **T412** thermal material already applied to the base. This eliminates the need for manual thermal paste application, ensuring a low-resistance thermal path between the chip and the aluminum body.
---
### 4. Ideal Applications
* **Low-profile electronics:** The 10mm height makes it ideal for compact enclosures.
* **Embedded Systems:** Used on microprocessors and small form-factor boards.
* **Networking Hardware:** Cooling for switches and routers where airflow is controlled.
- ⤷
What are the PCB hole requirements for the pushPIN attachment system?
- ⤷ How does 'Fine Pitch' compare to 'Ultra Fine' or 'Coarse' pitch in terms of airflow?
- ⤷ Can the T412 thermal material be replaced with a different high-conductivity paste?