ATS-10F-52-C3-R0
AI

The **ATS-10F-52-C3-R0** is a specific electronic cooling component manufactured by **Advanced Thermal Solutions (ATS)**. It is part of their "push pin" heat sink series, designed for high-performance cooling of integrated circuits (ICs) and other electronic components.
---
### 1. Component Specifications
The following table outlines the physical and thermal characteristics of this part:
| Feature | Specification |
| :--- | :--- |
| **Component Type** | Heat Sink |
| **Attachment Method** | Push Pin (Brass) |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Dimensions (L x W x H)** | 35.0mm x 35.0mm x 25.0mm |
| **Fin Type** | Cross-Cut (Straight Fin) |
| **Thermal Resistance** | ~7.28 °C/W (at 100 LFM) |
| **Thermal Interface (TIM)** | T766 (Pre-applied phase change material) |
---
### 2. Detailed Technical Breakdown
#### A. Attachment Mechanism (Push Pins)
The "10F" in the part number indicates a specific push-pin configuration.
* **Brass Push Pins:** These use a spring-loaded mechanism to provide a precise and consistent pressure on the processor.
* **Reliability:** This method is more secure than adhesive tapes and is preferred for hardware that may experience vibrations or require maintenance.
#### B. Thermal Performance
The heat sink features a **cross-cut fin design**. This design allows for:
* **Omnidirectional Airflow:** It can accept airflow from any direction, making it ideal for crowded PCB layouts where airflow patterns are unpredictable.
* **Increased Surface Area:** The gaps between fins maximize the contact area with the air to dissipate heat more efficiently.
#### C. Thermal Interface Material (TIM)
The part comes with **T766** pre-applied. This is a high-performance phase-change material that softens as the chip heats up, filling microscopic air gaps between the heat source and the heat sink to ensure maximum thermal conductivity.
---
### 3. Common Applications
This specific heat sink is typically found in:
* **Networking Equipment:** Routers, switches, and gateways.
* **Embedded Systems:** Industrial PCs and automation controllers.
* **Telecommunications:** High-speed data processing units.
---
- ⤷
What are the PCB hole requirements for mounting this push-pin heat sink?
- ⤷ How does blue anodizing affect the thermal performance compared to a natural finish?
- ⤷ What are the alternatives to the T766 thermal interface material for this model?