ATS-10F-62-C2-R0
AI

The part number **ATS-10F-62-C2-R0** refers to a high-performance **heat sink** manufactured by **Advanced Thermal Solutions (ATS)**. It is part of their "push pin" series designed for cooling electronic components like CPUs, GPUs, and high-power chipsets.
---
### Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Product Type** | Heat Sink |
| **Material** | Aluminum (Body) |
| **Attachment Method** | Push-Pin (Spring-loaded) |
| **Thermal Resistance** | 16.48°C/W (at 100 LFM) |
| **Fin Style** | Straight Fin |
| **Dimensions (L x W x H)** | 40mm x 40mm x 15mm |
| **Finish** | Blue Anodized |
| **Thermal Interface Material (TIM)** | T766 (Pre-applied) |
---
### Key Electronic & Mechanical Features
#### 1. Push-Pin Attachment Mechanism
The **"R0"** in the part number indicates a specific push-pin and spring assembly.
* **Ease of Assembly:** Provides a consistent force for optimal thermal contact without the need for tools.
* **Reliability:** The brass or plastic pins clip through pre-drilled holes in the PCB, ensuring the heat sink remains secure during vibration or shipping.
#### 2. Thermal Interface Material (TIM)
This part comes with **T766** pre-applied to the base.
* **Purpose:** Fills microscopic air gaps between the component (chip) and the heat sink base to maximize heat transfer.
* **Benefit:** Saves time during mass production and ensures consistent performance.
#### 3. Material and Coating
* **Aluminum 6063:** Chosen for its excellent thermal conductivity and lightweight properties.
* **Blue Anodized Finish:** Not only provides a professional look but also offers a level of electrical insulation and protection against corrosion.
---
### Comparison of Airflow Performance
The efficiency of this part varies significantly based on the airflow (measured in Linear Feet per Minute - LFM) provided by system fans:
| Airflow (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 100 | 16.48 |
| 200 | 6.17 |
| 400 | 4.08 |
| 600 | 3.42 |
---
### Application Usage
This specific heat sink is typically used for:
* **BGA (Ball Grid Array) Components:** High-density chips that generate localized heat.
* **Power Supplies:** Cooling voltage regulators or power transistors.
* **Networking Gear:** Cooling processors inside routers, switches, and modems.
- ⤷
What are the PCB hole diameter requirements for the ATS push-pin mounting?
- ⤷ How does the T766 thermal material compare to standard thermal paste?
- ⤷ Is there a version of this heat sink with a different height or fin profile?