ATS-10F-86-C3-R0
AI

The **ATS-10F-86-C3-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by *Advanced Thermal Solutions, Inc. (ATS)*.
It belongs to the **maxiFLOW™** series, which is designed for high-performance cooling in environments with constrained airflow.
---
## 1. Technical Specifications
The following table summarizes the primary physical and thermal characteristics of the part:
| Characteristic | Specification |
| :--- | :--- |
| **Component Type** | Heat Sink |
| **Material** | Aluminum (Blue Anodized) |
| **Attachment Method** | pushPIN™ |
| **Thermal Resistance** | 3.16°C/W @ 100 LFM |
| **Dimensions (L x W x H)** | 35.00mm x 35.00mm x 15.00mm |
| **Fin Style** | maxiFLOW (Tapered Fin) |
| **Mounting Hole Pattern** | 35.00mm (Square) |
---
## 2. Key Electronic Features
### A. pushPIN™ Attachment
Unlike standard adhesive-based heat sinks, this part uses the **pushPIN™** system. This involves a spring-loaded mechanism that ensures:
* **Constant Pressure:** Maintains a consistent interface between the heat sink and the electronic component (CPU, FPGA, or GPU).
* **Reliability:** Resistant to shock and vibration, preventing the heat sink from detaching during shipping or operation.
### B. maxiFLOW™ Fin Geometry
The fins are not simple vertical bars. They use a **tapered fin design** that:
* Increases the surface area for heat dissipation.
* Reduces pressure drop, allowing air to flow more efficiently through the fins even at low speeds.
### C. Thermal Interface Material (TIM)
The "R0" suffix typically indicates that the part comes with **pre-applied Phase Change Material (T766)** or a similar high-performance thermal pad. This eliminates the need for manual application of thermal paste and ensures an even, thin layer for optimal heat transfer.
---
## 3. Common Applications
This specific size and thermal rating are ideal for:
* **Telecommunications Equipment:** Routers and switches.
* **Embedded Systems:** High-heat generating SoCs (System on Chips).
* **Power Supplies:** Cooling MOSFETs or power regulators.
---
- ⤷
What are the advantages of pushPIN attachment over thermal tape?
- ⤷ How does the 'Blue Anodized' finish affect thermal performance?
- ⤷ Is there a version of this heat sink with different height specifications?