ATS-10F-92-C2-R0
AI

The **ATS-10F-92-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by *Advanced Thermal Solutions, Inc. (ATS)*. It belongs to the **pushPIN™** series, designed for efficient cooling of semiconductors and integrated circuits (ICs).
---
### 1. Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions, Inc. (ATS) |
| **Part Number** | ATS-10F-92-C2-R0 |
| **Base Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Thermal Resistance** | 16.48°C/W (Unducted Flow @ 100 LFM) |
| **Thermal Resistance** | 1.96°C/W (Ducted Flow @ 200 LFM) |
| **Weight** | ~40.54 grams |
---
### 2. Physical Dimensions
The physical footprint is critical for PCB layout and component clearance.
* **Length:** 40.00 mm
* **Width:** 40.00 mm
* **Height:** 15.00 mm
* **Fin Pitch:** Fine-Pitch (increases surface area for better dissipation)
* **Hole Pattern:** 45.00 mm x 45.00 mm (diagonal/square spacing for pushpins)
---
### 3. Key Component Features
#### A. pushPIN™ Attachment
Unlike adhesive tapes or clips, the pushPIN™ system uses a flexible, spring-loaded mechanism.
* **Benefit:** Provides consistent pressure across the component surface for maximum heat transfer.
* **Reliability:** It is more secure than thermal tape in high-vibration environments.
#### B. Heat Sink Design (Fine-Pitch)
This model features a **Straight Fin** design with a fine pitch.
* **Efficiency:** It is optimized for high-performance air cooling.
* **Material:** Aluminum 6063 is used for its excellent thermal conductivity and lightweight properties.
#### C. Blue Anodized Finish
The blue anodization is not just for aesthetics; it provides:
1. **Corrosion Resistance:** Protects the aluminum from oxidation.
2. **Emissivity:** Slightly improves heat radiation compared to raw aluminum.
---
### 4. Application and Usage
This part is typically used for cooling:
* **CPUs/GPUs:** In embedded systems or small form factor PCs.
* **FPGAs/ASICs:** In telecommunications and networking gear.
* **Power Modules:** Where high thermal density requires a reliable mechanical attachment.
- ⤷
What are the different pushPIN spring options available for this heat sink?
- ⤷ How does the pressure of the pushPIN affect thermal resistance?
- ⤷ Is there a specific thermal interface material (TIM) recommended for the ATS-10F-92-C2-R0?