ATS-10F-96-C2-R0
AI

The **ATS-10F-96-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is part of the "pushPIN™" family, designed for efficient cooling of integrated circuits (ICs) and other electronic components.
---
### 1. Technical Specifications
Below is a breakdown of the key physical and thermal characteristics:
| Parameter | Specification |
| :--- | :--- |
| **Product Series** | pushPIN™ |
| **Material** | Aluminum (Al) |
| **Finish** | Blue Anodized |
| **Attachment Type** | Push Pin (Spring-loaded) |
| **Dimensions (LxW)** | 40mm x 40mm |
| **Height** | 25mm |
| **Fin Style** | Fine Pitch (Cross-Cut) |
| **Thermal Resistance** | ~5.63 °C/W (at 100 LFM) |
---
### 2. Component Features
* **Heat Sink Material:** Made of aluminum, providing a lightweight yet thermally conductive path to dissipate heat away from the silicon die.
* **Fin Design:** It utilizes a **Fine-Pitch** pattern. This maximizes surface area in a small footprint, allowing for better heat transfer via convection.
* **Attachment Mechanism:** The "C2" in the part number indicates the use of a specific push-pin and spring kit. This ensures a constant, high-pressure contact between the heat sink and the component, which is critical for reducing thermal interface resistance.
* **Thermal Interface Material (TIM):** This part usually comes pre-applied with **T766** phase-change material or similar, ensuring immediate out-of-the-box readiness for mounting.
---
### 3. Part Number Decoder
Understanding the nomenclature helps in selecting the correct variant for your PCB design:
| Segment | Meaning | Detail |
| :--- | :--- | :--- |
| **ATS-10** | Series | Part of the pushPIN™ HS collection |
| **F** | Fin Type | "F" usually denotes a specific fine-pitch layout |
| **96** | Dimension Code | Specific internal sizing reference |
| **C2** | Thermal Material/Pin | Aluminum construction with specific TIM/Spring kit |
| **R0** | Revision | Specific RoHS compliant revision code |
---
### 4. Application Use Cases
The ATS-10F-96-C2-R0 is typically used in environments where airflow is present (forced convection) to cool:
* **FPGAs & ASICs:** High-speed processors that generate significant localized heat.
* **Network Switches:** Cooling of high-speed communication chips.
* **Embedded Systems:** Industrial PCs where space is limited but thermal loads are high.
---
- ⤷What is the recommended airflow direction for this specific fin design?
- ⤷ Does this model come with the push-pins included in the package?
- ⤷ What are the alternatives to push-pin mounting for this heat sink size?