Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • ATS-10F-97-C2-R0

  • AI
    The **ATS-10F-97-C2-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is a critical passive electronic component used to manage the thermal profile of integrated circuits (ICs), such as CPUs, GPUs, or high-power transistors. --- ### 1. Key Technical Specifications The part number follows a specific nomenclature that defines its physical and thermal characteristics: | Property | Specification | Details | | :--- | :--- | :--- | | **Manufacturer** | Advanced Thermal Solutions (ATS) | Part of the *pushPIN™* series | | **Material** | Aluminum | Lightweight with high thermal conductivity | | **Thermal Resistance** | 20.30° C/W (Unducted) | Measures efficiency in heat dissipation | | **Dimensions** | 45.00mm x 45.00mm | Overall footprint | | **Height** | 10.00mm | Low profile design | | **Attachment Method** | pushPIN™ | Uses a spring-loaded pin mechanism | | **Finish** | Blue Anodized | Increases surface emissivity and prevents corrosion | | **TIM (Thermal Interface)** | T766 | Pre-applied thermal phase-change material | --- ### 2. Functional Components #### A. Fin Design (XC Cut) The "97" in the part number refers to the specific **Cross-Cut** fin pattern. This design allows for: * **Multi-directional Airflow:** Unlike straight-fin heat sinks, XC designs can capture air from various directions, making them ideal for cramped PCB environments. * **Increased Surface Area:** Maximizes the area available for heat exchange with the surrounding air. #### B. The pushPIN™ Attachment System This component uses a specialized mounting system rather than simple adhesive: * **Precision Springs:** Provides consistent pressure (clamping force) across the component to ensure optimal contact with the heat source. * **Plastic/Brass Pins:** Securely locks the heat sink into pre-drilled holes on the PCB. #### C. Thermal Interface Material (TIM) The unit comes with **T766** pre-applied to the base. * **Role:** Fills microscopic air gaps between the IC surface and the heat sink base. * **Benefit:** Reduces contact resistance, allowing heat to flow more freely into the aluminum fins. --- ### 3. Application Use Cases The ATS-10F-97-C2-R0 is typically found in: 1. **Telecommunications:** High-speed routers and switches. 2. **Embedded Systems:** Industrial PC boards where vertical space (10mm) is limited. 3. **Power Electronics:** Cooling voltage regulators or small motor drivers. ---
    ✨ Follow-up Questions
    • ⤷ How do I calculate the required airflow for this heat sink?
    • ⤷ What is the difference between Blue Anodized and Gold Anodized finishes in heat sinks?
    • ⤷ Can this heat sink be reused if the TIM is removed?