Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • ATS-10G-08-C2-R0

  • AI
    The **ATS-10G-08-C2-R0** is a specific electronic component primarily categorized as a **High-Performance Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is part of the "push pin" attachment series designed for cooling integrated circuits (ICs) and other electronic packages. --- ### 1. Technical Specifications The following table outlines the physical and thermal characteristics of the component: | Feature | Specification | | :--- | :--- | | **Material** | Aluminum (AL6063) | | **Finish** | Blue Anodized | | **Dimensions** | 45mm x 45mm x 20mm | | **Attachment Type** | Push Pin (Plastic) | | **Spring Type** | Compression Spring | | **Thermal Resistance** | ~3.41 °C/W (at 200 LFM) | | **Airflow** | Designed for Straight Fin Flow | --- ### 2. Component Breakdown The ATS-10G-08-C2-R0 is an assembly consisting of several electronic-adjacent mechanical parts: * **Heat Sink Body:** A straight-fin aluminum structure. The fin density and height (20mm) are optimized for forced air cooling environments (e.g., inside a server chassis or networking switch). * **Push Pin Connectors:** These are the mounting hardware. They pass through pre-drilled holes in the PCB (Printed Circuit Board) to secure the heat sink directly over the heat-generating component (CPU, FPGA, or GPU). * **Compression Springs:** These provide the necessary "clamping force." This ensures a tight interface between the heat sink base and the chip, which is critical for efficient heat transfer. * **Thermal Interface Material (TIM):** While usually sold with "Phase Change" material or pre-applied tape, the "R0" designation typically implies the standard thermal pad/interface included for immediate installation. --- ### 3. Application Use Cases This part is commonly found in the following electronic systems: 1. **Telecommunications:** Cooling high-speed processors in routers and switches. 2. **Embedded Systems:** Industrial PCs where vibration resistance (provided by the push-pin) is required. 3. **Power Supplies:** Heat dissipation for MOSFETs or power regulators. --- ### 4. Part Number Decoder Understanding the "ATS-10G-08-C2-R0" syntax: * **ATS:** Manufacturer (Advanced Thermal Solutions). * **10G:** Part series (Push-pin heat sink line). * **08:** Dimensional or specific design iteration. * **C2:** Material/Finish code (Blue Anodized). * **R0:** Revision or packaging indicator (Standard).
    ✨ Follow-up Questions
    • ⤷ What are the PCB hole diameter requirements for this heat sink?
    • ⤷ How does blue anodization affect the thermal performance compared to bare aluminum?
    • ⤷ Can this heat sink be used with a custom thermal paste instead of the pre-applied TIM?