Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • ATS-10G-182-C2-R0

  • AI
    The **ATS-10G-182-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is part of their "maxiFLOW™" series, designed for cooling electronic components such as BGA (Ball Grid Array) packages. ### Technical Specifications | Feature | Specification | | :--- | :--- | | **Manufacturer** | Advanced Thermal Solutions, Inc. (ATS) | | **Part Number** | ATS-10G-182-C2-R0 | | **Material** | Aluminum (Anodized Blue) | | **Attachment Method** | pushPIN™ (Brass pins with plastic sleeves) | | **Thermal Resistance** | ~7.50°C/W (at 100 LFM) | | **Dimensions (L x W x H)** | 37.00mm x 37.00mm x 15.00mm | | **TIM (Interface Material)** | T766 (Pre-applied high-performance thermal grease) | --- ### Key Electronic & Mechanical Features #### 1. maxiFLOW™ Fin Geometry The "G" in the part number indicates the maxiFLOW™ design. Unlike standard straight-fin heat sinks, this design features a tapered fin structure that increases surface area and improves airflow intake. This is critical for high-density PCBs where airflow might be obstructed by other components. #### 2. pushPIN™ Attachment System This part uses a mechanical fastening system rather than adhesive tape. * **Reliability:** It provides consistent pressure (clamping force) on the electronic chip, ensuring optimal contact with the thermal interface material. * **Reusability:** The pins can be compressed and removed, making it easier to perform maintenance or replace the underlying chip compared to epoxy-bonded sinks. #### 3. Thermal Interface Material (T766) The part comes with **T766** pre-applied. In electronics, the TIM is the most critical link between the heat-generating silicon and the aluminum sink. T766 is a high-conductivity grease that fills microscopic air gaps, significantly lowering the junction temperature ($T_j$) of the processor or FPGA. #### 4. Blue Anodized Finish The blue coating is not just aesthetic; it provides: * **Corrosion Resistance:** Protects the aluminum from oxidation in humid environments. * **Electrical Insulation:** Anodization creates a thin non-conductive layer on the surface of the aluminum. --- ### Applications in Electronics * **FPGAs & ASICs:** Used in telecommunications and networking gear where chips generate high heat in small footprints. * **CPUs/GPUs:** Suitable for embedded systems or industrial PCs. * **Power Electronics:** Cooling MOSFET arrays or power modules on a PCB.
    ✨ Follow-up Questions
    • ⤷ What are the specific mounting hole requirements for the pushPIN system?
    • ⤷ How does the thermal resistance of this heat sink change at higher airflow speeds?
    • ⤷ Can the T766 thermal interface be replaced with a phase-change material?