Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • ATS-10G-52-C2-R0

  • AI
    The **ATS-10G-52-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It belongs to the "maxiFLOW™" series, designed for high-density electronic cooling. --- ### 1. Technical Specifications The part number follows a specific nomenclature that defines its physical and thermal characteristics. | Parameter | Specification | | :--- | :--- | | **Component Type** | Passive Heat Sink | | **Dimensions (L x W x H)** | 41.42mm x 45.22mm x 22.86mm | | **Material** | Aluminum (typically 6063) | | **Finish** | Blue Anodized | | **Attachment Method** | maxiGRIP™ (Frame Clip) | | **Thermal Resistance** | ~1.7 °C/W (at 200 LFM) | | **Compliance** | RoHS Compliant | --- ### 2. Key Electronic Features #### A. Fin Geometry (maxiFLOW™) The "C2" in the part number refers to the specific fin pattern. The maxiFLOW design features a flared fin structure. This is critical for electronic systems with constrained airflow because: * It reduces pressure drop. * It increases the surface area exposed to moving air. * It enhances "wash" over the base of the heat sink to eliminate hotspots. #### B. Attachment System (maxiGRIP™) One of the most important aspects for PCB design is how this part attaches to the electronic component (FPGA, ASIC, or GPU): * **Frame Clip:** It uses a plastic frame clip that snaps around the component. * **Steady Pressure:** This ensures consistent contact between the die and the heat sink without requiring holes in the PCB. * **Vibration Resistance:** It meets high-shock and vibration standards (Bellcore/Telcordia). #### C. Thermal Interface Material (TIM) The "R0" suffix typically denotes the factory-applied thermal interface material. * This is a Phase Change Material or high-performance thermal pad pre-applied to the base. * It fills microscopic air gaps between the chip surface and the aluminum base to maximize heat transfer. --- ### 3. Typical Applications This specific size and thermal profile are commonly found in: 1. **Networking Hardware:** High-speed routers and switches. 2. **Embedded Computing:** Industrial PC processors. 3. **Optical Modules:** Cooling for high-bandwidth transceivers. 4. **Power Supplies:** Heat dissipation for MOSFETs and power ICs.
    ✨ Follow-up Questions
    • ⤷ What are the mounting requirements for the maxiGRIP frame clip?
    • ⤷ How does the blue anodized finish affect the thermal performance compared to bare aluminum?
    • ⤷ Can this heat sink be used for natural convection environments?