Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • ATS-10G-63-C2-R0

  • AI
    The **ATS-10G-63-C2-R0** is a specific part number within the **Advanced Thermal Solutions (ATS)** product line. It is a high-performance heat sink assembly designed for cooling electronic components, primarily targeting standardized high-speed networking and telecommunications modules. --- ### 1. Technical Specifications The part number follows a specific nomenclature that defines its physical and thermal characteristics: | Feature | Specification | Description | | :--- | :--- | :--- | | **Manufacturer** | Advanced Thermal Solutions | Specialized in thermal management | | **Heat Sink Type** | Push-Pin Mount | Secured via spring-loaded pins | | **Material** | Aluminum | High thermal conductivity to weight ratio | | **Fin Style** | Straight Fin | Optimized for longitudinal airflow | | **Attachment** | 2-Push Pin | Standard mounting pattern for PCBs | | **Surface Finish** | Blue Anodized | Increases surface area and corrosion resistance | --- ### 2. Core Electronic Components The "Electronic" aspect of this part refers to the sub-components that make up the mounting and interface system: * **Thermal Interface Material (TIM):** This part typically comes with a pre-applied phase-change material or high-performance thermal pad (often **Saint-Gobain C675** or similar). This fills the microscopic air gaps between the heat sink and the electronic chip (CPU/FPGA/ASIC). * **Spring-Loaded Push Pins:** These are the mechanical-electronic interface components. They provide a precise **clamping force** (pressure), which is critical for ensuring the thermal resistance is minimized without crushing the silicon die or damaging the PCB solder balls (BGA). * **Brass/Plastic Fasteners:** The pins are usually made of brass or high-temp nylon to ensure durability during thermal cycling (expansion and contraction of the board). --- ### 3. Application Use Cases This specific heat sink is commonly found in the following electronic environments: 1. **Network Switches:** Cooling high-speed PHY chips or packet processors. 2. **SFP/QSFP Modules:** Managing the heat generated by optical transceivers. 3. **Embedded Computing:** Cooling low-to-mid power CPUs in industrial motherboards. 4. **Power Supplies:** Heat dissipation for MOSFETs or Voltage Regulator Modules (VRMs). --- ### 4. Thermal Performance Data While performance varies based on CFM (Cubic Feet per Minute) of airflow, the general performance curve for this series is as follows: ```python # General Thermal Resistance Example (Approximate) # Airflow (LFM) | Thermal Resistance (Celsius/Watt) data = { "200_LFM": 4.2, "400_LFM": 2.8, "600_LFM": 2.1, "800_LFM": 1.7 } ```
    ✨ Follow-up Questions
    • ⤷ What are the exact physical dimensions (LxWxH) of the ATS-10G-63-C2-R0?
    • ⤷ Which thermal interface materials are compatible with this specific push-pin heat sink?
    • ⤷ How do I calculate the required airflow to keep my component under 70°C using this heat sink?