ATS-10H-147-C2-R0
AI

## Technical Overview: ATS-10H-147-C2-R0
The **ATS-10H-147-C2-R0** is a high-performance **heat sink** manufactured by Advanced Thermal Solutions (ATS). It belongs to the **push-pin** attachment series, specifically designed for cooling electronic components such as CPUs, GPUs, and other integrated circuits on a PCB.
---
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Type** | Push-Pin (Spring-loaded) |
| **Fin Style** | Straight (High-density) |
| **Dimensions (L x W)** | 35.00mm x 35.00mm |
| **Height** | 10.00mm |
| **Thermal Resistance** | 13.52°C/W (at 1.0 m/s airflow) |
---
### 2. Design and Component Breakdown
#### A. The Heat Sink Body
The body is constructed from **Aluminum 6063**, chosen for its excellent thermal conductivity and lightweight properties. The "Straight Fin" design is optimized for environments with a steady flow of air (forced convection).
#### B. Push-Pin Attachment Mechanism
Instead of using messy thermal adhesives or complex screws, this part uses a **spring-loaded push-pin** system:
* **Pins:** Usually made of plastic or brass.
* **Springs:** Provides consistent pressure (clamping force) to ensure maximum contact between the heat sink and the electronic component.
* **PCB Compatibility:** Requires pre-drilled holes in the motherboard/PCB.
#### C. Thermal Interface Material (TIM)
The "R0" suffix usually indicates that the part comes with a pre-applied **Thermal Interface Material**. This is a specialized pad or paste located on the base of the heat sink that fills microscopic air gaps between the chip and the metal, significantly improving heat transfer.
---
### 3. Thermal Performance Metrics
Thermal resistance indicates how effectively the part dissipates heat. Lower numbers are better.
* **Unducted Flow:** 13.52°C/W @ 200 LFM (Linear Feet per Minute).
* **Ducted Flow:** 2.11°C/W @ 200 LFM.
---
### 4. Application Use Cases
* **Embedded Systems:** Industrial PCs and controllers.
* **Telecommunications:** High-speed routers and switches.
* **Power Electronics:** Voltage regulators and MOSFET cooling.
- ⤷
What are the specific hole patterns required on a PCB for this push-pin model?
- ⤷ How does 'Blue Anodized' finish affect thermal performance compared to bare aluminum?
- ⤷ Can the pre-applied TIM be replaced with custom thermal paste?