Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • ATS-10H-71-C2-R0

  • AI
    The **ATS-10H-71-C2-R0** is a high-performance electronic thermal management component. Specifically, it is a **Heat Sink** designed for cooling integrated circuits (ICs) and other electronic components. Below is a detailed breakdown of its specifications and characteristics. --- ### 1. General Specifications | Feature | Description | | :--- | :--- | | **Manufacturer** | Advanced Thermal Solutions Inc. (ATS) | | **Product Type** | Heat Sink (BGA, Square) | | **Series** | pushPIN™ | | **Attachment Method** | Push-Pin | ### 2. Physical Dimensions | Dimension | Measurement | | :--- | :--- | | **Length / Width** | 45.00 mm x 45.00 mm | | **Height** | 20.00 mm | | **Fin Style** | Straight Fin | | **Material** | Aluminum | | **Finish** | Blue Anodized | ### 3. Thermal Performance Thermal performance is measured by the degree of temperature rise per watt of power dissipated (lower is better). | Air Flow Rate (LFM) | Thermal Resistance (°C/W) | | :--- | :--- | | **100 LFM (0.5 m/s)** | 6.70 | | **300 LFM (1.5 m/s)** | 2.50 | | **500 LFM (2.5 m/s)** | 1.70 | | **700 LFM (3.5 m/s)** | 1.40 | --- ### 4. Key Components and Features #### A. Attachment System (pushPIN™) The "H" in the part number often signifies the specific hardware configuration. This model uses a **push-pin** mechanism with a flexible spring. * **Benefits:** Provides consistent pressure for optimal thermal interface material (TIM) performance and allows for easy installation without tools. * **Pitch:** The hole-to-hole spacing for mounting is typically **38.00 mm**. #### B. Thermal Interface Material (TIM) * **Pre-applied:** This specific model usually comes with **T766** pre-applied. T766 is a high-performance phase-change thermal pad that ensures heat transfers efficiently from the chip to the aluminum fins. #### C. Fin Design The **Straight Fin** design is optimized for environments where there is a clear, directional airflow (forced convection). The aluminum construction provides a balance between lightweight design and high thermal conductivity. --- ### 5. Part Number Decoding The part number `ATS-10H-71-C2-R0` follows a specific nomenclature: * **ATS**: Manufacturer (Advanced Thermal Solutions). * **10**: Series type. * **H**: Hardware/Attachment style (Push-pin). * **71**: Specific dimension/geometry code. * **C2**: Performance or material grade (Anodized finish). * **R0**: Revision or packaging indicator.
    ✨ Follow-up Questions
    • ⤷ What are the compatible mounting hole patterns for this heat sink?
    • ⤷ How does the T766 thermal interface material compare to standard thermal grease?
    • ⤷ Can this heat sink be used for passive cooling without a fan?