ATS-10H-79-C2-R0
AI

### Overview of ATS-10H-79-C2-R0
The **ATS-10H-79-C2-R0** is a high-performance **heat sink** manufactured by Advanced Thermal Solutions (ATS). It is part of the "pushPIN™" series, designed for effective thermal management of electronic components such as CPUs, GPUs, and other high-heat integrated circuits.
---
### Technical Specifications
The following table details the mechanical and thermal characteristics of this specific component:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | pushPIN™ |
| **Material** | Aluminum (Body) / Blue Anodized (Finish) |
| **Dimensions (L x W)** | 25.0 mm x 25.0 mm |
| **Height (H)** | 20.0 mm |
| **Pitch** | Fine-Pitch (increases surface area) |
| **Attachment Method** | Push-Pin (Plastic/Brass) |
| **Thermal Resistance** | 26.36 °C/W (at 1.0 m/s airflow) |
| **Flow Orientation** | Vertical or Horizontal (High-performance Cross-Cut) |
---
### Electronic and Thermal Functionality
Although the heat sink itself is a passive mechanical component, it plays a critical role in electronics:
1. **Heat Dissipation:** It absorbs heat generated by the semiconductor die (via conduction) and transfers it to the surrounding air (via convection).
2. **Thermal Interface Material (TIM):** This part usually comes pre-applied with **T766** thermal interface material, which fills microscopic air gaps between the chip and the heat sink base to ensure maximum heat transfer.
3. **Cross-Cut Design:** The fin pattern is designed to work with multi-directional airflow, making it versatile for dense PCB layouts where air might not flow in a single straight path.
### Mechanical Attachment (pushPIN™)
The "79-C2-R0" designation refers to the specific mounting hardware:
* **Push-Pins:** These provide a secure, vibration-resistant attachment to the PCB.
* **Springs:** Compression springs ensure constant, even pressure across the electronic component, preventing damage while maintaining thermal contact.
---
### Application Usage
* **Embedded Systems:** Used on small form-factor motherboards.
* **Power Electronics:** Cooling MOSFETs or voltage regulators.
* **Telecommunications:** Cooling signal processing chips in network switches.
- ⤷
What is the thermal resistance of this heat sink at higher airflow speeds like 2.5 m/s?
- ⤷ Can this heat sink be used with a different thermal interface material if T766 is removed?
- ⤷ Does the blue anodized finish provide any electrical insulation?