ATS-10H-92-C2-R0
AI

The **ATS-10H-92-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or power transistors to prevent thermal throttling or failure.
---
### 1. Technical Specifications
Below are the primary physical and thermal characteristics of the part:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions, Inc. (ATS) |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Mounting Type** | pushPIN™ |
| **Dimensions (L x W x H)** | 40.00mm x 40.00mm x 15.00mm |
| **Fin Style** | Straight (High-flow design) |
| **Thermal Resistance** | 16.48°C/W (Unducted Flow @ 100 LFM) |
| **Thermal Interface Material** | T766 (Pre-applied) |
---
### 2. Breakdown of the Model Number
The part number follows a specific nomenclature used by ATS to define the product's attributes:
* **ATS-10**: Refers to the product series (pushPIN™ Heat Sink).
* **H**: Denotes the Fin Pitch (H = High performance/Fine pitch).
* **92**: The internal design code/size identifier.
* **C2**: Indicates the material and finish (Aluminum with Blue Anodize).
* **R0**: Revision code for the specific thermal performance or kit version.
---
### 3. Key Features and Applications
The ATS-10H-92-C2-R0 is engineered for modern electronic assemblies where space is limited but thermal loads are significant.
* **pushPIN™ Attachment:** It utilizes a specialized spring-loaded attachment mechanism that ensures even pressure across the component for optimal heat transfer.
* **High Flow Design:** The straight-fin pattern is optimized for environments with forced-air cooling (fans), providing low pressure drop.
* **Pre-Applied Thermal Interface (TIM):** It comes with **T766** thermal material already applied to the base, which simplifies the assembly process and ensures a reliable thermal bond.
* **Applications:**
* Network switches and routers.
* Embedded computing boards.
* Power supplies and industrial controllers.
---
### 4. Thermal Performance Data
Performance varies based on the Air Velocity (Measured in Linear Feet per Minute - LFM):
| Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 100 (0.5 m/s) | 16.48 |
| 300 (1.5 m/s) | 6.62 |
| 500 (2.5 m/s) | 4.41 |
---
- ⤷
What is the significance of the 'Blue Anodized' finish in thermal management?
- ⤷ How does the pushPIN mounting system compare to standard adhesive tapes?
- ⤷ Are there alternative dimensions available in the ATS-10 series?