Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • ATS-1138-C1-R0

  • AI
    ## Technical Overview of ATS-1138-C1-R0 The **ATS-1138-C1-R0** is a high-performance **Heat Sink** assembly designed by **Advanced Thermal Solutions (ATS)**. While it is not an active electronic component (like an IC or transistor), it is a critical mechanical-electronic part used for thermal management in high-power electronic systems. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Manufacturer** | Advanced Thermal Solutions (ATS) | | **Material** | Aluminum (typically Blue Anodized) | | **Attachment Method** | pushPIN™ (Spring-loaded) | | **Fin Type** | Straight Fin | | **Dimensions** | 40mm x 40mm (Standard footprint) | | **Thermal Resistance** | Variable based on Airflow (LFM) | --- ### 2. Functional Design Parts The "electronic parts" of this assembly refer to the integrated hardware that allows it to interface with a Printed Circuit Board (PCB). #### A. The Heat Sink Body * **Material:** High-grade aluminum provides a balance between weight and thermal conductivity. * **Surface:** Anodized coating (Blue) increases surface emissivity and protects against corrosion. * **Fin Geometry:** Designed for optimized airflow, reducing the "boundary layer" effect to pull heat away from the component (CPU, FPGA, or GPU) more efficiently. #### B. pushPIN™ Attachment System Instead of simple adhesive tape, this model uses a mechanical fastening system: * **Compression Springs:** Ensure even pressure across the component surface, preventing "hot spots." * **Plastic/Brass Push Pins:** These lock into pre-drilled holes in the PCB, providing a secure vibration-resistant fit. #### C. Thermal Interface Material (TIM) * The "R0" designation usually implies a specific revision that includes a pre-applied **Thermal Pad** or **Phase Change Material** on the base. This fills microscopic air gaps between the heat sink and the electronic chip. --- ### 3. Application Use Cases This part is commonly found in the following electronic environments: 1. **Telecommunications:** Cooling high-speed network processors. 2. **Embedded Systems:** Protecting industrial controllers from overheating. 3. **Data Centers:** Standard cooling for VRMs (Voltage Regulator Modules) and chipsets. ---
    ✨ Follow-up Questions
    • ⤷ What is the specific thermal resistance of this unit at 200 LFM?
    • ⤷ Does this heat sink support mounting on standard BGA packages?
    • ⤷ What are the alternative attachment methods if pushPIN is not supported by my PCB?