ATS-1139-C1-R0
AI

The **ATS-1139-C1-R0** is a specialized high-performance heat sink assembly manufactured by **Advanced Thermal Solutions (ATS)**. It is part of their "SuperGrip" series, designed for cooling high-heat-generating electronic components, specifically Ball Grid Array (BGA) packages.
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Part Number** | ATS-1139-C1-R0 |
| **Heat Sink Material** | Aluminum (Black Anodized) |
| **Attachment Method** | SuperGrip (Frame Clip and Spring Clip) |
| **Thermal Resistance** | Variable (Typically ~4-7 °C/W depending on airflow) |
| **Dimensions** | 40mm x 40mm x 9.5mm |
---
### 2. Physical Components & Electronic Integration
The ATS-1139-C1-R0 is not an active electronic component (like a chip) but rather a **mechanical thermal management system**. It consists of several integral parts that interact with the PCB:
#### A. The Heat Sink (Fin Array)
* **Design:** Usually features a **straight-fin** or **cross-cut** design to maximize surface area.
* **Material:** Made from high-grade aluminum. The **Black Anodized** finish increases emissivity, allowing for better heat radiation.
#### B. The SuperGrip™ Attachment System
This is the most critical part for electronic assembly. It uses a two-part system to secure the heat sink to the chip without requiring holes in the PCB:
1. **Plastic Frame Clip:** A high-temperature plastic frame that snaps around the perimeter of the BGA component.
2. **Metal Spring Clip:** A "horseshoe" shaped spring that applies constant downward pressure on the heat sink, ensuring a tight thermal bond with the component.
#### C. Thermal Interface Material (TIM)
The "R0" at the end of the part number often indicates a specific revision or packaging. These units typically come with a **Phase Change Material (PCM)** or a thermal pad pre-applied to the bottom surface to fill microscopic air gaps between the chip and the metal.
---
### 3. Application Use Cases
This part is used in electronics where reliability and heat dissipation are critical but board space is limited:
* **Networking Equipment:** High-speed routers, switches, and gateways.
* **Telecommunications:** Base stations and signal processing units.
* **Embedded Systems:** Industrial PCs and FPGA-based controllers.
* **Video Processing:** High-definition encoders and GPUs.
---
### 4. Advantages for PCB Design
* **No PCB Holes:** Unlike traditional push-pin heat sinks, this does not require holes, allowing designers to route traces directly under the component.
* **High Pressure:** The spring clip ensures consistent pressure, which is vital for preventing the chip from overheating during thermal expansion.
* **Removability:** The clip system allows the heat sink to be removed for chip rework or maintenance without damaging the PCB.
- ⤷
What is the exact thermal resistance of the ATS-1139-C1-R0 at 200 LFM airflow?
- ⤷ Does this heat sink require a specific BGA package height for the clip to function?
- ⤷ Can the SuperGrip frame be reused if the heat sink is removed?