ATS-1184-C1-R0
AI

The **ATS-1184-C1-R0** is a high-performance heat sink component manufactured by **Advanced Thermal Solutions (ATS)**. It is part of the "maxiFLOW™" series, designed specifically for cooling high-power electronic components such as CPUs, GPUs, FPGAs, and ASICs.
---
### 1. Technical Specifications
The following table outlines the physical and thermal characteristics of the ATS-1184-C1-R0:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum (Extruded) |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ (Plastic or Brass) |
| **Dimensions (L x W x H)** | 40mm x 40mm x 15mm |
| **Thermal Resistance** | ~3.0°C/W (at 200 LFM) |
| **Airflow Direction** | Omnidirectional (Cross-cut fins) |
---
### 2. Key Design Components
#### A. Fin Geometry (maxiFLOW™)
Unlike standard straight-fin heat sinks, the ATS-1184 uses a unique tapered fin design. This maximizes the surface area for heat dissipation while minimizing the pressure drop. The "cross-cut" pattern allows for airflow from any direction, making it ideal for crowded PCB layouts where airflow might be irregular.
#### B. pushPIN™ Attachment
The "C1" in the part number often refers to the specific attachment kit. The **pushPIN™** system provides:
* **Constant Pressure:** Ensures the thermal interface material (TIM) is compressed evenly for maximum heat transfer.
* **Ease of Assembly:** Quick installation through pre-drilled holes in the PCB.
* **Reliability:** High resistance to shock and vibration compared to adhesive tapes.
#### C. Thermal Interface Material (TIM)
The "R0" suffix typically denotes that the unit comes with a pre-applied high-performance thermal pad or phase-change material on the base, reducing the thermal resistance between the component die and the heat sink.
---
### 3. Application Use Cases
This specific part is commonly found in the following electronic environments:
1. **Telecommunications:** Cooling networking switches and routers.
2. **Industrial PCs:** Thermal management for embedded processors.
3. **Power Supplies:** Heat dissipation for high-voltage regulators.
---
- ⤷
What are the specific PCB hole diameter requirements for the pushPIN attachment?
- ⤷ How does the thermal resistance change at higher airflow rates like 400 LFM?
- ⤷ Are there alternative finishes to Blue Anodized if EMI shielding is a concern?