Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • ATS-11B-30-C2-R0

  • AI
    The **ATS-11B-30-C2-R0** is a high-performance electronic thermal management component, specifically a **push-pin heat sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or FPGAs. --- ### 1. Technical Specifications | Parameter | Specification | |:---|:---| | **Manufacturer** | Advanced Thermal Solutions (ATS) | | **Series** | pushPIN™ Heat Sink | | **Material** | Aluminum | | **Finish** | Blue Anodized | | **Dimensions** | 30.00mm x 30.00mm | | **Height** | 25.00mm | | **Attachment Method** | Push-Pin (Brass) | | **Thermal Resistance** | 13.17 °C/W (at 100 LFM) | | **Spring Type** | Compression Spring | --- ### 2. Design and Component Features The part consists of several integrated electronic cooling elements: #### A. The Heat Sink Body The body is made of extruded aluminum, which provides a high level of thermal conductivity while remaining lightweight. The fins are arranged in a **cross-cut** or high-performance pattern to maximize surface area and facilitate airflow from multiple directions. #### B. The Push-Pin Mechanism Unlike adhesive-based heat sinks, the "C2" designation refers to the specific **Brass Push-Pin** attachment. * **Reliability:** It provides consistent pressure against the component, ensuring a solid thermal interface. * **Ease of Assembly:** It allows for quick installation through pre-drilled holes in the PCB. #### C. Thermal Interface Material (TIM) The "R0" at the end of the part number indicates the specific thermal interface material. * **Pre-applied TIM:** It comes with a phase-change material or high-performance grease pre-applied to the base to reduce thermal resistance between the component and the sink. --- ### 3. Thermal Performance (Air Flow) Thermal resistance decreases as airflow (Linear Feet per Minute) increases: | Airflow (LFM) | Velocity (m/s) | Thermal Resistance (°C/W) | |:---|:---|:---| | 100 | 0.5 | 13.17 | | 300 | 1.5 | 4.42 | | 500 | 2.5 | 3.12 | | 700 | 3.5 | 2.57 | --- ### 4. Part Number Breakdown The code `ATS-11B-30-C2-R0` is structured as follows: * **ATS:** Manufacturer (Advanced Thermal Solutions). * **11:** Series identifier. * **B:** Aluminum material. * **30:** Width (30mm). * **C2:** Attachment style (Push-pin type). * **R0:** Thermal interface material type.
    ✨ Follow-up Questions
    • ⤷ What are the PCB hole requirements for installing this push-pin heat sink?
    • ⤷ How does blue anodizing affect the thermal performance compared to bare aluminum?
    • ⤷ Can this heat sink be used with a custom fan attachment?