AI

The **ATS-11B-32-C2-R0** is a high-performance electronic thermal management component, specifically an **Advanced Thermal Solutions (ATS)** push-pin heat sink. These parts are designed to dissipate heat from integrated circuits (ICs), such as CPUs, GPUs, or FPGAs, within high-density electronic environments.
---
### 1. Technical Specifications
The part number follows a specific nomenclature used by Advanced Thermal Solutions to define its physical and thermal characteristics:
| Specification | Value/Description |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | maxiFLOW™ |
| **Material** | Aluminum (Blue Anodized) |
| **Attachment Method** | Push-Pin (Brass) with Compression Spring |
| **Dimensions (L x W)** | 54mm x 54mm |
| **Height (Height off Base)** | 15mm |
| **Thermal Resistance** | ~1.65°C/W (at 200 LFM) |
| **Fin Style** | Straight / Cross-Cut (maxiFLOW design) |
---
### 2. Key Electronic Components & Design Features
#### A. Thermal Interface Material (TIM)
This specific model usually comes pre-applied with **Chomerics T766**. This is a phase-change material or high-performance thermal pad that fills microscopic air gaps between the component (chip) and the heat sink base, ensuring maximum heat transfer.
#### B. Push-Pin and Spring Mechanism
The "R0" designation refers to the attachment kit. The assembly uses brass push-pins and steel springs.
* **Purpose:** Provides consistent downward pressure (clamping force) on the electronic chip.
* **Advantage:** Prevents the heat sink from shifting during mechanical shock or vibration, which is critical for industrial or telecommunications electronics.
#### C. maxiFLOW™ Fin Geometry
Unlike standard extruded heat sinks, the ATS-11B-32-C2-R0 uses a tapered fin design.
* **Function:** It reduces "pressure drop" and increases the surface area for convective cooling.
* **Electronic Application:** It is ideal for "high-speed" airflow environments where components are packed tightly together (e.g., 1U or 2U rack servers).
---
### 3. Application Use Cases
This part is typically integrated into the following electronic systems:
1. **Networking Hardware:** Switches, routers, and base stations.
2. **Embedded Computing:** High-performance industrial PCs.
3. **Power Electronics:** Cooling MOSFET arrays or power modules.
4. **Telecom:** Optical line cards and signal processing boards.
---
### 4. Summary Table of Benefits
| Feature | Benefit to Electronics |
| :--- | :--- |
| **Low Profile (15mm)** | Fits in slim enclosures and tight PCB stack-ups. |
| **Pre-assembled** | Reduces manufacturing time and assembly errors. |
| **High Thermal Conductivity** | Prevents thermal throttling and extends component lifespan. |
- ⤷
How does the push-pin mounting compare to adhesive-based heat sink attachments?
- ⤷ What is the recommended airflow (LFM) for optimal performance of this specific heat sink?
- ⤷ Can the pre-applied thermal interface material (TIM) be replaced with liquid metal or thermal paste?