ATS-11B-34-C2-R0
AI

The **ATS-11B-34-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is part of the "maxiFLOW™" series, designed for cooling high-power electronic components like CPUs, GPUs, or FPGAs.
### 1. Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | maxiFLOW™ |
| **Thermal Resistance** | 2.52°C/W (at 200 LFM) |
| **Attachment Method** | pushPIN™ |
| **Dimensions** | 57.6mm x 76.2mm x 15mm |
| **Material** | Aluminum (Blue Anodized) |
| **Fin Type** | Tapered Fin (High Performance) |
---
### 2. Key Components and Features
#### A. The Heat Sink Body
The device utilizes a **Tapered Fin** design. Unlike standard rectangular fins, these are shaped to maximize surface area while reducing pressure drop. This allows more air to flow through the sink, carrying heat away more efficiently.
#### B. pushPIN™ Attachment System
This is the "electronic mounting" part of the assembly. It consists of:
* **Plastic/Brass Push Pins:** These snap into pre-drilled holes on the Printed Circuit Board (PCB).
* **Stainless Steel Springs:** These provide consistent "Force-on-Die," ensuring the heat sink stays pressed against the electronic chip with the correct pressure.
#### C. Thermal Interface Material (TIM)
The "C2" in the part number indicates the specific thermal interface (pre-applied thermal grease or pad) used on the base of the heat sink. This fills the microscopic air gaps between the chip and the metal to ensure maximum heat transfer.
---
### 3. Application Use Cases
In electronic systems, this part is typically used for:
1. **Telecommunications:** Cooling high-speed switching silicon.
2. **Industrial PC (IPC):** Managing thermals in ruggedized computing environments.
3. **Power Supplies:** Dissipating heat from MOSFETs or IGBTs.
---
### 4. Part Number Breakdown
```text
ATS - 11 B - 34 - C2 - R0
| | | | | |
| | | | | +-- Revision Code
| | | | +------- Thermal Interface Material (TIM)
| | | +------------ Height (15mm)
| | +----------------- Fin Pitch/Density
| +------------------- Series Number
+------------------------- Manufacturer (Advanced Thermal Solutions)
```
- ⤷
How do I calculate if the 2.52°C/W thermal resistance is sufficient for my specific chip?
- ⤷ What are the PCB hole diameter requirements for the pushPIN™ attachment?
- ⤷ Can this heat sink be used with a custom fan shroud for active cooling?