ATS-11B-46-C2-R0
AI

The **ATS-11B-46-C2-R0** is a specific electronic cooling component manufactured by **Advanced Thermal Solutions (ATS)**. It is part of their high-performance "push-pin" heat sink series designed for cooling integrated circuits (ICs) such as CPUs, GPUs, and FPGAs.
---
## 1. Technical Specifications
Below are the primary physical and thermal characteristics of this component:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Dimensions** | 40mm x 40mm x 15mm |
| **Attachment Method** | Push-Pin (Brass) |
| **Spring Type** | Compression Spring |
| **Thermal Resistance** | ~4.07 °C/W (at 200 LFM) |
| **Thermal Interface Material** | T766 (Pre-applied phase change material) |
---
## 2. Key Component Breakdown
### A. Heat Sink Body (The Fin Profile)
The "11B" series typically utilizes a **straight-fin** or **cross-cut** design. This specific model uses a square 40x40mm footprint with a low profile (15mm height), making it ideal for systems with limited vertical clearance (1U servers or compact embedded systems).
### B. Attachment Mechanism (Push-Pins)
Unlike adhesive-based heat sinks, this unit uses **brass push-pins**.
* **Advantage:** Provides consistent downward pressure, ensuring optimal contact with the chip.
* **Requirement:** The PCB must have pre-drilled holes to accommodate the pins.
### C. Thermal Interface Material (TIM)
The part number suffix indicates it comes with **T766** pre-applied.
* This is a high-performance phase-change material that softens at operating temperatures to fill microscopic air gaps between the chip and the heat sink, significantly reducing thermal resistance.
---
## 3. Part Number Decoder
Understanding the "ATS-11B-46-C2-R0" nomenclature:
* **ATS**: Advanced Thermal Solutions (Manufacturer).
* **11B**: Product series (specific fin geometry).
* **46**: Dimensional code (refers to the 40x40mm size).
* **C2**: Indicates the specific thermal performance/material grade.
* **R0**: RoHS compliance/revision status.
---
### Application Use-Cases
* **Networking Hardware:** Cooling ASICs in switches and routers.
* **Industrial PCs:** Cooling embedded processors.
* **Power Supplies:** Heat dissipation for high-output MOSFETs or power modules.
- ⤷
What is the hole-to-hole spacing required on the PCB for this heat sink?
- ⤷ Can this heat sink be used with a custom fan attachment?
- ⤷ What are the alternatives if my PCB does not have mounting holes?