ATS-11B-66-C2-R0
AI

The **ATS-11B-66-C2-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It belongs to the **maxiFLOW™** series, which is specifically designed to provide low thermal resistance and high surface area for cooling electronic components.
---
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | maxiFLOW™ |
| **Material** | Aluminum (Blue Anodized) |
| **Thermal Resistance** | 1.15°C/W @ 200 LFM |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Dimensions (L x W x H)** | 40mm x 40mm x 35mm |
| **Fin Style** | Tapered / High-Aspect Ratio |
---
### 2. Physical Design and Construction
#### **The maxiFLOW™ Geometry**
The "C2" in the part number refers to the specific geometry of the fins. These heat sinks feature a **flared fin** design. Unlike standard straight-fin heat sinks, flared fins increase the surface area and reduce the pressure drop of the air moving through them, which significantly enhances the cooling performance in forced-convection environments.
#### **Material and Coating**
* **Aluminum:** Lightweight with excellent thermal conductivity.
* **Blue Anodized Finish:** This is not just for aesthetics; the anodization process creates an oxide layer that provides slight electrical insulation and improves surface emissivity, aiding in heat radiation.
---
### 3. Attachment Mechanism: pushPIN™
The **R0** suffix indicates the attachment hardware. This part uses a **pushPIN™** system:
1. **Spring-Loaded:** Provides a consistent "Normal Force" on the electronic component (CPU, GPU, or FPGA), ensuring optimal contact with the Thermal Interface Material (TIM).
2. **Secure Fit:** Prevents the heat sink from shifting during vibration or mechanical shock.
3. **Ease of Install:** Designed for quick assembly using pre-drilled holes in the PCB.
---
### 4. Typical Applications
This part is commonly used to cool high-power integrated circuits (ICs) where space is limited but thermal loads are high:
* **Networking Equipment:** Routers, switches, and base stations.
* **Industrial Computing:** Embedded controllers and single-board computers.
* **Power Electronics:** Voltage regulators and high-speed FPGAs.
---
### 5. Thermal Performance Data
*Measured in Degrees Celsius per Watt (°C/W):*
| Airflow (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 200 (1.0 m/s) | 1.15 |
| 300 (1.5 m/s) | 0.90 |
| 400 (2.0 m/s) | 0.75 |
- ⤷
What are the PCB hole requirements for the pushPIN attachment?
- ⤷ How does this compare to a standard straight-fin heat sink of the same size?
- ⤷ Which Thermal Interface Material (TIM) is recommended for use with this part?