ATS-11B-79-C2-R0
AI

The **ATS-11B-79-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is part of the "pushPIN™" series, designed for precision cooling of integrated circuits (ICs) and other surface-mount components.
---
### 1. Technical Specifications
Below are the primary technical parameters for the ATS-11B-79-C2-R0:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Dimensions (L x W)** | 25mm x 25mm |
| **Height (Fin Profile)** | 20mm |
| **Thermal Resistance** | 26.36 °C/W (Unducted Flow @ 100 LFM) |
| **Fin Pattern** | Fine Pitch (COARSE-PITCH) |
---
### 2. Physical Design and Construction
The part is engineered to maximize surface area within a small footprint:
* **Heat Sink Body:** Extruded from high-grade aluminum for optimal thermal conductivity.
* **Fin Style:** It utilizes a **Straight Fin** design, which is effective for both natural convection and forced-air environments.
* **Thermal Interface Material (TIM):** This specific model typically comes with **T766** pre-applied. This is a high-performance phase-change material that ensures minimal thermal resistance between the heat source (CPU/GPU) and the sink.
---
### 3. Mounting Mechanism (pushPIN™)
The "R0" suffix refers to the specific mounting hardware used to secure the part to the PCB:
1. **Brass Pins & Stainless Steel Springs:** The push-pin mechanism provides a consistent, calculated pressure (clamping force) on the electronic component.
2. **Ease of Assembly:** It allows for quick installation and removal without the need for complex tools, reducing the risk of board damage during maintenance.
3. **Vibration Resistance:** The spring-loaded nature of the pins makes it suitable for high-vibration industrial or automotive environments.
---
### 4. Thermal Performance Comparison
Thermal performance varies based on the Airflow (measured in Linear Feet per Minute - LFM):
| Airflow Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 100 (0.5 m/s) | 26.36 |
| 200 (1.0 m/s) | 13.90 |
| 400 (2.0 m/s) | 8.45 |
| 600 (3.0 m/s) | 6.54 |
---
### 5. Application Areas
This part is commonly found in:
* **Networking Gear:** Switches and routers.
* **Embedded Systems:** Industrial PCs and IoT gateways.
* **Power Supplies:** Cooling MOSFETs or voltage regulators.
* **Telecommunications:** Base station electronic modules.
- ⤷
What are the alternatives to pushPIN mounting for this heat sink size?
- ⤷ How does the T766 thermal interface material compare to standard thermal grease?
- ⤷ Can this heat sink be used with custom dimensions or height requirements?