ATS-11D-10-C2-R0
AI

The **ATS-11D-10-C2-R0** is a high-performance electronic thermal management component, specifically an **Advanced Thermal Solutions (ATS) push-pin heatsink**. It is designed to provide efficient cooling for integrated circuits (ICs) and other surface-mount components.
---
## 1. Technical Specifications
The part number follows a specific nomenclature that defines its physical and thermal characteristics.
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Heatsink Type** | push-pin (Spring-loaded) |
| **Material** | Aluminum (Blue Anodized) |
| **Fin Type** | Straight Fin |
| **Dimensions** | 45mm x 45mm x 25mm |
| **Thermal Resistance** | Approx. 3.42°C/W (@ 200 LFM) |
| **Attachment Method** | Plastic push-pin with Brass Spring |
| **Interface Material** | T766 (Thermal Tape) |
---
## 2. Component Breakdown
### A. The Heatsink Body
* **Geometry:** It features a square footprint of 45mm, making it suitable for larger BGA (Ball Grid Array) packages.
* **Height:** The 25mm height allows for significant surface area for heat dissipation but requires vertical clearance in the chassis.
* **Material:** Extruded aluminum is used for its high thermal conductivity and lightweight properties. The **Blue Anodized** finish increases emissivity and protects against corrosion.
### B. The Push-Pin Mechanism
Unlike adhesive-only heatsinks, the "11D" series uses a mechanical attachment system:
* **Push-Pins:** These are inserted through pre-drilled holes in the PCB.
* **Compression Springs:** These ensure a consistent, high-pressure contact between the heatsink base and the chip, which minimizes the thermal resistance at the interface.
### C. Thermal Interface Material (TIM)
The **C2** suffix indicates that the part comes pre-applied with **T766 thermal phase-change material** or high-performance tape. This fills the microscopic air gaps between the component and the heatsink.
---
## 3. Performance Summary
The performance of this part is highly dependent on the airflow (Linear Feet per Minute - LFM) within the system.
| Airflow (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| **200 (1.0 m/s)** | 3.42 |
| **300 (1.5 m/s)** | 2.50 |
| **400 (2.0 m/s)** | 2.10 |
| **500 (2.5 m/s)** | 1.80 |
---
### Key Applications
* **Telecommunications:** Cooling of high-speed processors and ASICs.
* **Computing:** Heat dissipation for chipsets and power modules.
* **Industrial Electronics:** Ensuring stability in high-ambient temperature environments.
- ⤷
What are the PCB hole requirements for the push-pin mounting of this heatsink?
- ⤷ How does the T766 thermal interface material compare to standard thermal grease?
- ⤷ Can this heatsink be used in passive cooling environments without a fan?