ATS-11D-16-C2-R0
AI

The **ATS-11D-16-C2-R0** is a high-performance electronic thermal management component, specifically a **push-pin heat sink** designed by Advanced Thermal Solutions (ATS). It is engineered for cooling electronic components such as CPUs, GPUs, or high-power ASICs on printed circuit boards (PCBs).
---
### 1. Technical Specifications
Below are the primary physical and thermal characteristics of the part:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Material** | Aluminum (Blue Anodized) |
| **Dimensions (L x W x H)** | 54.00mm x 54.00mm x 25.00mm |
| **Thermal Resistance** | 1.80°C/W @ 200 LFM |
| **Attachment Method** | Push-Pin (Brass) |
| **Spring Type** | Compression Spring |
| **Thermal Interface Material (TIM)** | T766 (Pre-applied) |
---
### 2. Key Component Breakdown
#### A. The Heat Sink Body
* **Fin Design:** It utilizes a **cross-cut** or **straight fin** geometry (depending on the specific sub-series airflow optimization). This design maximizes surface area while allowing multidirectional airflow to dissipate heat.
* **Material:** Extruded aluminum is used for its excellent thermal conductivity-to-weight ratio. The blue anodized finish provides corrosion resistance and increased emissivity.
#### B. The Push-Pin Attachment System
* **Mechanism:** The "11D" designation refers to the specific push-pin and spring assembly.
* **Benefit:** Push-pins provide a secure, standardized mechanical connection to the PCB. This ensures consistent pressure on the component, which is critical for effective heat transfer.
* **Springs:** The springs are calibrated to apply a specific amount of force (load) to the component without damaging the silicon or the PCB traces.
#### C. Thermal Interface Material (TIM)
* **T766:** The unit comes with **T766** phase-change material or high-performance thermal grease pre-applied to the base.
* **Function:** This fills the microscopic air gaps between the heat source (chip) and the heat sink base to ensure maximum thermal conduction.
---
### 3. Application Use Cases
This specific model is commonly found in:
* **Telecommunications:** Cooling networking switches and routers.
* **Industrial Computing:** Maintaining temperatures in embedded PC systems.
* **Power Supplies:** Dissipating heat from MOSFETs or power regulators.
---
### 4. Part Number Decoder
Understanding the "ATS" naming convention:
* **ATS:** Advanced Thermal Solutions (Manufacturer).
* **11D:** Specific attachment kit (Push-pin type).
* **16:** Fin height/designator.
* **C2:** Material/Finish code (Blue Anodized Aluminum).
* **R0:** Revision or packaging code.
- ⤷
How do I calculate the required LFM (Linear Feet per Minute) for this heat sink?
- ⤷ What are the PCB hole diameter requirements for the ATS-11D push-pin?
- ⤷ Is there a version of this heat sink with a different Thermal Interface Material (TIM)?