ATS-11D-161-C2-R0
AI

## Technical Overview of ATS-11D-161-C2-R0
The **ATS-11D-161-C2-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is part of the **pushPIN™** series, designed specifically for thermal management of electronic components like CPUs, GPUs, and high-power ICs.
---
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions, Inc. (ATS) |
| **Part Number** | ATS-11D-161-C2-R0 |
| **Material** | Aluminum (Body), Blue Anodized (Finish) |
| **Attachment Type** | pushPIN™ (Spring-loaded) |
| **Dimensions** | 45mm x 45mm x 20mm |
| **Thermal Resistance** | 4.74°C/W (Unducted Flow @ 100 LFM) |
| **Thermal Interface Material (TIM)** | T766 (Pre-applied) |
---
### 2. Major Component Parts
The assembly consists of four primary electronic/mechanical parts that work together to provide cooling and stability:
#### A. The Heat Sink Body
* **Material:** Extruded Aluminum.
* **Design:** Features a "Fine Pitch" or "Cross-Cut" fin pattern to maximize surface area for heat dissipation.
* **Function:** Conducts heat away from the semiconductor die through the base and into the air via the fins.
#### B. The pushPIN™ Attachment Mechanism
* **Components:** A plastic or metal pin with a compressed spring.
* **Function:** Provides consistent pressure (clamping force) on the electronic component. This ensures the thermal interface material is thin and effective, reducing thermal resistance.
#### C. Thermal Interface Material (TIM)
* **Type:** T766 (Phase change or high-performance grease).
* **Function:** Fills the microscopic air gaps between the heat sink base and the electronic chip (the heat source). Air is a poor conductor, so the TIM is critical for efficient heat transfer.
#### D. The Finish (Blue Anodized)
* **Function:** While primarily for aesthetics and corrosion resistance, the anodized layer also slightly improves the surface emissivity for radiation cooling.
---
### 3. Performance Metrics
The effectiveness of this part depends heavily on the airflow (LFM - Linear Feet per Minute):
| Airflow (LFM) | Velocity (m/s) | Thermal Resistance (°C/W) |
| :--- | :--- | :--- |
| 100 | 0.5 | 4.74 |
| 300 | 1.5 | 2.57 |
| 500 | 2.5 | 2.02 |
---
### 4. Application Use Case
This part is typically used in:
* **Networking Equipment:** Routers and switches.
* **Industrial PCs:** Compact systems requiring passive or active airflow cooling.
* **Power Supplies:** Cooling MOSFETs or power regulators.
---
- ⤷
What are the mechanical mounting hole dimensions for the pushPIN system on this model?
- ⤷ How does the T766 thermal material compare to standard silicone grease?
- ⤷ Is there a low-profile version of this heat sink for 1U server applications?