ATS-11D-32-C2-R0
AI

The **ATS-11D-32-C2-R0** is a high-performance electronic thermal management component, specifically a **Heatsink** designed by Advanced Thermal Solutions (ATS). It is part of the "push-pin" series designed for secure and efficient cooling of electronic integrated circuits (ICs).
---
### Technical Specifications
The following table summarizes the key physical and thermal characteristics of this part:
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Part Number** | ATS-11D-32-C2-R0 |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (Brass) |
| **Dimensions** | 54mm x 54mm x 12.7mm |
| **Thermal Resistance** | 2.49 °C/W (at 200 LFM) |
| **Thermal Interface Material (TIM)** | T766 (High Performance) |
---
### Key Electronic Components & Design Features
#### 1. Heat Sink Geometry (Fin Design)
The ATS-11D-32-C2-R0 utilizes a **High-Performance Square Fin** design. This geometry maximizes surface area while maintaining a low profile (12.7mm height), making it ideal for systems with limited vertical clearance but high airflow.
#### 2. Attachment Mechanism: Push-Pins
Unlike adhesive-based heatsinks, this model uses **brass push-pins with springs**.
- **Benefit:** It provides consistent pressure (compression) on the electronic component, which improves heat transfer efficiency.
- **Reliability:** It is more vibration-resistant than thermal tape, making it suitable for industrial or networking hardware.
#### 3. Thermal Interface Material (TIM)
The part comes pre-applied with **T766**. This is a specialized material that fills the microscopic air gaps between the heatsink base and the electronic chip (CPU, FPGA, or ASIC), ensuring optimal thermal conductivity.
#### 4. Material and Finish
- **Aluminum:** Chosen for its excellent thermal conductivity and lightweight properties.
- **Blue Anodization:** Beyond aesthetics, the anodized coating provides corrosion resistance and slightly improves radiative heat transfer.
---
### Common Applications
This part is typically found in the following electronic systems:
* **Networking Gear:** Switches and routers where ASICs generate significant heat.
* **Embedded Systems:** Industrial PCs and motherboards.
* **Telecommunications:** Base station hardware and signal processing units.
---
- ⤷
What are the specific hole diameter requirements for the brass push-pins on this heatsink?
- ⤷ How does the T766 thermal interface material compare to standard thermal paste?
- ⤷ What is the weight of the ATS-11D-32-C2-R0?