ATS-11D-33-C2-R0
AI

The **ATS-11D-33-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is part of the "push pin" series designed for securing the cooling element directly to a Printed Circuit Board (PCB).
---
### 1. Technical Specifications
The following table outlines the physical and thermal characteristics of this specific part:
| Parameter | Specification |
| :--- | :--- |
| **Material** | Aluminum (Blue Anodized) |
| **Dimensions** | 35mm x 35mm x 20mm |
| **Attachment Method** | Push-Pin (Brass) |
| **Thermal Resistance** | 1.74°C/W (at 200 LFM) |
| **Fin Style** | Straight Fin |
| **Compression Spring** | Provided for consistent pressure |
| **Thermal Interface Material (TIM)** | T766 (Pre-applied) |
---
### 2. Detailed Electronic Part Components
The "Part Number" can be broken down to understand the specific electronic and mechanical properties:
* **ATS:** Manufacturer (Advanced Thermal Solutions).
* **11D:** Refers to the specific series and mounting hole pattern.
* **33:** Refers to the specific dimensions/footprint (35mm x 35mm).
* **20:** Refers to the height (20mm).
* **C2:** Indicates the finish (Blue Anodized) and thermal performance grade.
* **R0:** Revision code.
---
### 3. Functional Features
#### Mounting Mechanism
Unlike adhesive-based heat sinks, the **ATS-11D-33-C2-R0** uses a mechanical **Push-Pin** system.
* **Precision:** Ensures high-reliability attachment in high-vibration environments.
* **Spring Load:** The brass push-pin includes a compression spring that provides a specific amount of downward force, ensuring the Thermal Interface Material (TIM) makes optimal contact with the semiconductor.
#### Thermal Performance
The straight-fin design is optimized for **forced air-flow** environments (fans). The aluminum construction provides a lightweight yet efficient medium for heat dissipation from components such as CPUs, GPUs, or high-power FPGAs.
#### Pre-Applied TIM
The unit comes with **T766 thermal phase-change material**. This eliminates the need for manual application of thermal paste, reducing assembly time and ensuring a consistent thermal bond.
---
- ⤷
What are the PCB hole requirements for mounting this specific heat sink?
- ⤷ How does the T766 thermal interface material compare to standard thermal grease?
- ⤷ Can this heat sink be used in passive cooling applications without a fan?