ATS-11D-34-C2-R0
AI

The **ATS-11D-34-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is part of the "pushPIN™" series, designed for efficient cooling of semiconductor devices like CPUs, GPUs, or FPGAs.
---
### 1. Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Material** | Aluminum |
| **Attachment Method** | pushPIN™ |
| **Fin Type** | Straight Fin |
| **Dimensions (L x W)** | 54.00 mm x 54.00 mm |
| **Height (Height off base)** | 25.00 mm |
| **Pitch (Mounting Hole)** | 47.00 mm |
| **Finish** | Blue Anodized |
| **Thermal Resistance** | ~6.72°C/W (Unducted Flow @ 100 LFM) |
---
### 2. Key Features and Construction
* **PushPIN™ Mounting System:** This part utilizes a flexible, secure attachment mechanism. The "pushPIN" design allows for a variety of spring forces and plastic or brass pins to ensure proper contact pressure between the heat sink and the electronic component.
* **High-Performance Interface:** It typically comes pre-assembled with **Phase Change Material (PCM)** or a high-performance Thermal Interface Material (TIM) on the base to ensure low thermal resistance at the contact point.
* **Fin Geometry:** The straight fin design is optimized for environments with airflow, allowing air to pass through the channels and carry heat away via convection.
* **Material properties:** Made from lightweight aluminum (6063), which provides a good balance between thermal conductivity and weight, preventing mechanical stress on the PCB.
---
### 3. Application Use Cases
This specific heat sink is used in industrial and consumer electronics where mid-to-high level heat dissipation is required:
1. **Telecommunications:** Cooling of networking switches and routers.
2. **Computing:** Cooling of secondary processors or logic gates on motherboards.
3. **Power Electronics:** Dissipating heat from high-current voltage regulators.
---
### 4. Part Number Breakdown
* **ATS:** Manufacturer (Advanced Thermal Solutions).
* **11D:** Series/Style designation.
* **34:** Specific size/footprint code.
* **C2:** Material/Finish code (Blue Anodized).
* **R0:** Revision or RoHS compliance status.
---
- ⤷
How do I calculate the required airflow for this heat sink?
- ⤷ What is the difference between blue anodized and black anodized finishes?
- ⤷ Can this heat sink be used with custom mounting hardware instead of pushPINs?