ATS-11D-40-C2-R0
AI

The **ATS-11D-40-C2-R0** is a specific high-performance heat sink assembly manufactured by **Advanced Thermal Solutions (ATS)**. It is part of the "push pin" attachment series designed for cooling electronic components such as CPUs, GPUs, and other high-heat integrated circuits.
---
## 1. Technical Specifications
Below are the primary physical and thermal characteristics of this component:
| Feature | Specification |
| :--- | :--- |
| **Material** | Blue Anodized Aluminum |
| **Fin Type** | High-density straight fin |
| **Attachment Method** | Push-Pin (Brass) |
| **Spring Type** | Compression Spring |
| **Dimensions (L x W)** | 30mm x 30mm |
| **Height** | 25mm |
| **Thermal Resistance** | ~12.11 °C/W (at 200 LFM) |
| **TIM (Interface Material)** | T766 (Pre-applied) |
---
## 2. Key Electronic & Mechanical Components
### A. The Heat Sink Body
The body is constructed from **Aluminum 6063**, which offers a balance between thermal conductivity and weight. The blue anodized finish is not just aesthetic; it provides surface protection and slightly improves emissivity for radiant heat transfer.
### B. Push-Pin Attachment System
Instead of using messy adhesives or thermal tape, the "11D" series uses a mechanical push-pin system:
* **Pins:** Brass components that snap into pre-drilled holes on the PCB.
* **Springs:** Provides consistent pressure (clamping force) on the chip to ensure maximum contact with the thermal interface material.
### C. Thermal Interface Material (TIM)
The **C2** suffix indicates the type of thermal interface material pre-applied to the base.
* **T766:** This is a high-performance phase-change material or grease that fills microscopic air gaps between the heat sink and the electronic component to lower thermal resistance.
---
## 3. Application Use Cases
This specific part is typically found in:
1. **Networking Hardware:** Switches and routers where airflow is constant.
2. **Embedded Systems:** Industrial PCs where mechanical vibration requires a secure push-pin mount rather than adhesive.
3. **Power Supplies:** Cooling voltage regulators or small power modules.
---
## 4. Airflow Performance
The effectiveness of this part depends heavily on Linear Feet per Minute (LFM) of airflow:
* **Low Airflow (200 LFM):** ~12.11 °C/W
* **Moderate Airflow (400 LFM):** ~7.16 °C/W
* **High Airflow (600 LFM):** ~5.59 °C/W
- ⤷
How does the push-pin mounting compare to adhesive thermal tape in terms of reliability?
- ⤷ What are the PCB hole requirements for installing the ATS-11D-40-C2-R0?
- ⤷ Can the T766 thermal material be replaced with aftermarket thermal paste?