ATS-11D-75-C1-R0
AI

The **ATS-11D-75-C1-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is part of the "pushPIN™" series, designed for precision cooling of electronic components like CPUs, GPUs, and other high-heat surface-mount devices.
---
### 1. Technical Specifications
The following table highlights the core physical and thermal properties of the unit:
| Parameter | Specification |
| :--- | :--- |
| **Component Type** | Heat Sink |
| **Material** | Aluminum (Blue Anodized) |
| **Attachment Method** | pushPIN™ (Spring-loaded pins) |
| **Dimensions** | 45mm x 45mm x 10mm |
| **Thermal Resistance (Unducted)** | 14.95 °C/W @ 100 LFM |
| **Thermal Resistance (Ducted)** | 2.33 °C/W @ 100 LFM |
| **Fin Type** | Fine Pitch (Straight) |
---
### 2. Key Electronic & Mechanical Features
#### A. Thermal Efficiency
The heat sink is designed for **forced air cooling**. In a ducted environment (where airflow is concentrated), the thermal resistance drops significantly (from ~15 °C/W to ~2.33 °C/W), making it highly efficient for high-density PCB layouts.
#### B. pushPIN™ Attachment System
Unlike adhesive-based heat sinks, this model uses a mechanical fastening system:
* **Secure Fit:** Prevents the heat sink from shifting due to vibration or thermal expansion.
* **Constant Pressure:** A pre-assembled compression spring ensures uniform pressure across the interface material, optimizing heat transfer.
* **Compatibility:** Designed for pre-drilled holes in the PCB.
#### C. Material and Coating
* **Aluminum 6063:** Provides a balance of high thermal conductivity and lightweight properties.
* **Blue Anodized Finish:** This is not just aesthetic; the anodization increases surface emissivity and provides corrosion resistance and electrical insulation for the surface of the sink.
---
### 3. Part Number Breakdown
Understanding the nomenclature helps in identifying specific variants:
| Segment | Meaning |
| :--- | :--- |
| **ATS** | Manufacturer: Advanced Thermal Solutions |
| **11** | Series / Design Type |
| **D** | Material / Attachment Variation |
| **75** | Specific Geometry / Fin Height |
| **C1** | Performance Category / Thermal Interface Material |
| **R0** | RoHS Compliant / Revision Status |
---
### 4. Application Context
This part is typically found in:
* **Telecommunications:** Cooling of high-speed network switches.
* **Embedded Systems:** Industrial PCs where space (10mm height) is at a premium.
* **Power Supplies:** Cooling of MOSFETs or voltage regulators.
- ⤷
What are the required PCB hole diameters for the pushPIN attachment?
- ⤷ Does this model come with pre-applied Thermal Interface Material (TIM)?
- ⤷ What is the weight of the ATS-11D-75-C1-R0 for mass calculations?