ATS-11D-82-C2-R0
AI

The **ATS-11D-82-C2-R0** is a specific electronic component manufactured by **Advanced Thermal Solutions (ATS)**. It belongs to their high-performance thermal management line, specifically designed as a heat sink solution for cooling semiconductors and integrated circuits.
---
### 1. Component Overview
This part is a **push-pin heat sink** designed for use in electronic assemblies where space and thermal efficiency are critical. It utilizes a "cross-cut" fin design to maximize surface area and improve airflow from multiple directions.
### 2. Technical Specifications
Below are the primary physical and thermal characteristics of the device:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Material** | Aluminum (Anodized Blue) |
| **Heat Sink Type** | Push-Pin (Spring-loaded) |
| **Fin Style** | Straight/Cross-cut (High Flow) |
| **Thermal Resistance** | ~10.79 °C/W (at 200 LFM) |
| **Dimensions (L x W x H)** | 30mm x 30mm x 25mm |
| **Attachment Method** | Plastic Push-Pins with Brass Springs |
| **Interface Material** | T766 (Pre-applied Thermal Phase Change Material) |
---
### 3. Structural Components
The "Electronic Parts" breakdown of this assembly includes:
1. **Heat Sink Body:** Extruded aluminum finished with a blue anodized coating. Anodization not only prevents corrosion but also increases surface emissivity, slightly improving radiation heat transfer.
2. **Push-Pin Fasteners:** Made of durable plastic (usually Nylon). These provide the mechanical force required to keep the heat sink in contact with the PCB.
3. **Compression Springs:** Often made of brass or stainless steel. These ensure consistent downward pressure (clamping force) on the electronic chip, compensating for thermal expansion and vibration.
4. **Thermal Interface Material (TIM):** This is the "grey pad" on the bottom. In the C2-R0 model, it typically features a high-performance phase-change material that melts slightly at operating temperatures to fill microscopic air gaps between the chip and the sink.
---
### 4. Part Number Breakdown (Decoding)
To understand the specific configuration of this part:
* **ATS:** Manufacturer (Advanced Thermal Solutions).
* **11D:** Series designation (specific fin geometry).
* **82:** Dimension code (30mm x 30mm footprint).
* **C2:** Material/Finish code (Blue Anodized).
* **R0:** Revision or packaging code.
---
### 5. Typical Applications
* **CPUs/GPUs:** Small form factor processors.
* **FPGAs:** Cooling logic arrays in telecommunications.
* **Power Modules:** MOSFETs or IGBTs requiring localized cooling.
* **Embedded Systems:** Industrial PCs where fan-less or forced-air cooling is utilized.
- ⤷
What are the alternative attachment methods to push-pins for this heat sink?
- ⤷ How does the 'cross-cut' fin design compare to straight fins in terms of airflow?
- ⤷ What is the importance of the T766 thermal interface material in this assembly?