ATS-11D-93-C2-R0
AI

The **ATS-11D-93-C2-R0** is a high-performance thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or power transistors.
---
### 1. Technical Specifications
The part number follows a specific nomenclature that defines its physical and thermal properties:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | pushPIN™ HS Assembly |
| **Attachment Method** | Push-Pin (Spring Loaded) |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Thermal Resistance** | 12.32°C/W (Unducted) |
| **Airflow Pattern** | Straight Fin |
---
### 2. Physical Dimensions
Precision measurements are critical for PCB clearance and component fitment:
* **Size (L x W):** 40mm x 40mm
* **Height:** 20mm (measured from the base to the top of the fins)
* **Pitch:** The distance between holes is designed for specific board layouts.
---
### 3. Key Electronic Functions
While the heat sink itself is a passive mechanical part, its role in an electronic circuit is vital for operational stability:
1. **Thermal Dissipation:** It increases the surface area of the heat-generating component, allowing air (convection) to carry heat away more efficiently.
2. **Protection:** By maintaining a lower junction temperature ($T_j$), it prevents **thermal throttling** and extends the lifespan of the semiconductor.
3. **Mechanical Stability:** The "push-pin" system uses a precise spring-loaded mechanism to ensure uniform pressure across the component surface, which optimizes the interface with Thermal Interface Material (TIM).
---
### 4. Component Components
The assembly usually consists of:
* **The Heat Sink:** The aluminum finned body.
* **Push-Pins:** Usually made of brass or plastic to secure the unit to the PCB.
* **Springs:** Provides the necessary downward force.
* **TIM (Thermal Interface Material):** Often pre-applied to the base to fill microscopic air gaps between the heat sink and the chip.
- ⤷
What are the compatible PCB hole diameters for this push-pin assembly?
- ⤷ How does the 'Blue Anodized' finish affect thermal performance?
- ⤷ What is the difference between ducted and unducted thermal resistance for this part?