ATS-11D-97-C2-R0
AI

The **ATS-11D-97-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by *Advanced Thermal Solutions (ATS)*. It belongs to the **blueICE™** series and is designed for efficient heat dissipation in integrated circuits (ICs).
---
### Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Part Number** | ATS-11D-97-C2-R0 |
| **Heat Sink Type** | Push-Pin Mount (XC Cut) |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Thermal Resistance** | 2.03°C/W @ 200 LFM |
| **Attachment Method** | Plastic Push-Pin & Compression Spring |
| **Dimensions (L x W x H)** | 45mm x 45mm x 10mm |
---
### Key Features and Electronic Functionality
#### 1. Push-Pin Attachment Mechanism
This part utilizes a standardized push-pin system. This is critical for PCB (Printed Circuit Board) design because:
* It provides consistent pressure across the interface for optimal thermal transfer.
* The pins are designed for specific hole diameters (typically 3mm) on the motherboard or PCB.
#### 2. Material and Finish
The heat sink is made of **Aluminum 6063**, which is the industry standard for thermal conductivity in lightweight applications. The **Blue Anodized** finish is not just for aesthetics; it provides:
* Increased corrosion resistance.
* Electrical insulation (to a degree) on the surface.
* Improved emissivity for radiant heat transfer.
#### 3. High-Performance Fin Design
The "XC Cut" or straight-fin design is optimized for **forced air cooling**. In an electronic enclosure with fans, the air flows through these fins to carry heat away from components like CPUs, GPUs, or high-power ASICs.
#### 4. Thermal Interface Material (TIM)
The "R0" suffix usually denotes that the part comes with a pre-applied **Phase Change Material (PCM)** or thermal tape. This eliminates the need for manual application of thermal paste, ensuring a reliable thermal bond between the chip and the heat sink.
---
### Typical Applications
* **Networking Equipment:** Routers, switches, and base stations.
* **Embedded Systems:** Industrial PCs and high-speed controllers.
* **Power Supplies:** Cooling MOSFETs or voltage regulators.
- ⤷
What is the significance of the 2.03°C/W thermal resistance rating in a real-world circuit?
- ⤷ Are there specific PCB hole patterns required for the ATS-11D-97-C2-R0 push-pins?
- ⤷ How does the Blue Anodized finish compare to Black Anodized in terms of thermal performance?