ATS-11F-13-C2-R0
AI

The **ATS-11F-13-C2-R0** is a specific electronic part number representing a high-performance **heat sink** manufactured by **Advanced Thermal Solutions (ATS)**. It is part of their "maxiFLOW™" series, designed for cooling integrated circuits (ICs) and high-power components.
---
### 1. Technical Specifications
The part number encodes specific physical and thermal characteristics of the device.
| Characteristic | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | maxiFLOW™ |
| **Thermal Resistance** | 2.52°C/W (at 200 LFM) |
| **Attachment Method** | pushPIN™ (Spring-loaded pins) |
| **Material** | Aluminum (with Blue Anodized finish) |
| **Dimensions (L x W)** | 30.00 mm x 30.00 mm |
| **Height** | 17.50 mm |
| **Fin Style** | Spread Fin (Tapered) |
---
### 2. Design and Engineering Features
* **maxiFLOW™ Technology:** The heat sink features a unique "flared" fin structure. This design increases the surface area and encourages more efficient airflow through the fins, reducing the pressure drop compared to standard straight-fin heat sinks.
* **pushPIN™ Attachment:** This model utilizes a spring-loaded pin mechanism. This provides a precise, pre-calculated pressure on the component, ensuring optimal thermal interface material (TIM) performance and preventing damage to the PCB.
* **Blue Anodized Coating:** The blue coating is not just aesthetic; it provides surface protection against corrosion and slightly improves heat radiation.
---
### 3. Part Number Breakdown
Understanding the nomenclature helps in identifying variations of this part:
| Segment | Meaning |
| :--- | :--- |
| **ATS** | Advanced Thermal Solutions (Manufacturer) |
| **11** | Series Number (pushPIN™ maxiFLOW) |
| **F** | Fin Pitch/Designation |
| **13** | Specific Height/Configuration Code |
| **C2** | Thermal Interface Material (Typically T766 phase change or similar) |
| **R0** | Revision or RoHS Compliance indicator |
---
### 4. Application Use-Cases
This heat sink is typically used in environments where high-speed airflow is available (forced convection) to cool high-density electronic assemblies:
* **Networking Hardware:** Switches, routers, and high-speed modems.
* **Embedded Systems:** Industrial PCs and processing modules.
* **Power Supplies:** Cooling MOSFETs or Voltage Regulator Modules (VRMs).
- ⤷
What are the different pushPIN attachment materials available for this series?
- ⤷ How does the 'flared' fin design compare to standard cross-cut heat sinks?
- ⤷ What is the recommended thermal interface material for the C2 variant?