ATS-11F-15-C2-R0
AI

The **ATS-11F-15-C2-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It belongs to the **maxiFLOW™** product line, specifically designed to provide high thermal performance in environments with restricted airflow.
---
### 1. Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | maxiFLOW™ |
| **Part Number** | ATS-11F-15-C2-R0 |
| **Thermal Resistance** | 2.43 °C/W @ 200 LFM |
| **Material** | Aluminum (Blue Anodized) |
| **Attachment Method** | pushPIN™ |
| **Dimensions (L x W x H)** | 37.00mm x 37.00mm x 15.00mm |
| **Attachment Pitch** | 43.00mm |
---
### 2. Key Design Elements
#### A. maxiFLOW™ Fin Geometry
The fins are designed with a unique "flared" profile. This geometry maximizes the surface area for heat dissipation while minimizing the pressure drop. It is particularly effective in forced-convection environments (fans/blowers).
#### B. pushPIN™ Attachment System
Instead of simple adhesive tape, this model uses the **pushPIN™** system:
* **Spring-loaded mechanism:** Ensures consistent pressure on the processor/component.
* **Reliability:** Better vibration resistance compared to thermal tape.
* **Installation:** Requires pre-drilled holes on the PCB at a 43mm pitch.
#### C. Thermal Interface Material (TIM)
The "C2" in the part number indicates that it comes pre-applied with **ATS-PPS-11**, a high-performance thermal grease. This ensures optimal heat transfer from the electronic component to the aluminum body without requiring manual application.
---
### 3. Electronic Application Use Cases
This heat sink is typically found in the following electronic assemblies:
* **Telecommunications:** Cooling ASICs and FPGAs in networking switches.
* **Embedded Systems:** Industrial PCs where vertical space is limited (15mm height).
* **Power Electronics:** Cooling high-speed voltage regulators or power modules.
- ⤷
What are the alternative attachment methods for ATS heat sinks?
- ⤷ How does the 'flared fin' design compare to standard straight fins?
- ⤷ How do I calculate if the 2.43 °C/W thermal resistance is sufficient for my chip?