ATS-11F-186-C2-R0
AI

The **ATS-11F-186-C2-R0** is a high-performance electronic component specifically categorized as a **Heat Sink** assembly. It is manufactured by Advanced Thermal Solutions (ATS) and is part of their "push-pin" series designed for cooling semiconductors and Integrated Circuits (ICs).
---
### 1. Technical Specifications
The following table outlines the primary physical and thermal characteristics of this component:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (Plastic/Brass) |
| **Dimensions (L x W x H)** | 45.00mm x 45.00mm x 25.00mm |
| **Thermal Resistance** | ~1.19°C/W (at 200 LFM) |
| **Flow Orientation** | Vertical / Omni-directional (High Flow) |
---
### 2. Core Electronic Components & Design
The "parts" of this assembly work together to manage the thermal load of electronic devices:
* **Heat Sink Body:** The 45mm square aluminum block features a high-density fin structure. It is designed to maximize surface area to dissipate heat generated by chips (CPUs, GPUs, FPGAs) into the surrounding air.
* **Push-Pin Fasteners:** Unlike adhesive-based heat sinks, this uses mechanical push-pins. These provide a constant, reliable pressure (clamping force) against the electronic component, ensuring better thermal contact.
* **Compression Springs:** Built into the push-pins, these springs compensate for thermal expansion and mechanical shock, preventing the heat sink from cracking the delicate silicon die.
* **Thermal Interface Material (TIM):** This specific model typically comes with a pre-applied **Phase Change Material** or thermal pad on the base to fill microscopic air gaps between the heat sink and the chip.
---
### 3. Part Number Breakdown (Nomenclature)
Understanding the "parts" of the model name helps identify its specific configuration:
| Segment | Meaning |
| :--- | :--- |
| **ATS** | Manufacturer Prefix (Advanced Thermal Solutions) |
| **11F** | Series/Geometry (Profile type) |
| **186** | Internal dimension/Fin density code |
| **C2** | Thermal Performance Grade / Material coating |
| **R0** | RoHS Compliance / Revision Status |
---
### 4. Application Use Case
This part is typically found in:
* **Telecommunications:** Cooling high-speed network switches.
* **Computing:** Secondary cooling for chipsets or power regulators.
* **Industrial:** Thermal management for motor controllers and embedded systems.
- ⤷What is the specific thermal resistance of this heat sink at different airflow speeds?
- ⤷ How does the push-pin mounting system compare to adhesive thermal tape?
- ⤷ Are there alternative sizes available in the ATS-11F series?