ATS-11F-192-C2-R0
AI

The **ATS-11F-192-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is part of the "push pin" series designed for cooling integrated circuits (ICs) on PCBs.
---
## 1. Technical Specifications
The following table outlines the physical and thermal properties of this specific part:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Material** | Aluminum (Blue Anodized) |
| **Attachment Method** | Push Pin (Brass) |
| **Thermal Resistance** | 2.35°C/W (at 200 LFM) |
| **Dimensions (L x W x H)** | 45mm x 45mm x 25mm |
| **Fin Style** | Straight Fin |
| **Spring Type** | Compression Spring |
---
## 2. Key Component Parts
The assembly consists of four primary electronic/mechanical sub-components:
### A. The Heat Sink Body
Constructed from aluminum, the body features a high-density fin structure. The blue anodized finish is not just for aesthetics; it increases **emissivity**, allowing for better heat radiation compared to raw aluminum.
### B. Push Pin Fasteners
The "192" in the part number often corresponds to a specific push pin length and material. These pins are designed to pass through pre-drilled holes in the PCB, providing a secure mechanical attachment that survives high-vibration environments.
### C. Compression Springs
Each push pin is equipped with a spring. This is critical for maintaining **constant pressure** between the heat sink base and the electronic component (CPU/GPU/FPGA). Consistent pressure ensures that the Thermal Interface Material (TIM) works efficiently.
### D. Thermal Interface Material (TIM)
The "R0" suffix usually denotes the specific type of pre-applied thermal pad or phase-change material on the base of the heat sink. This fills microscopic air gaps between the component and the sink.
---
## 3. Application Use Cases
This part is typically found in the following electronic systems:
* **Networking Hardware:** Routers, switches, and base stations.
* **Industrial PCs:** High-heat processors in fanless or forced-air environments.
* **Power Electronics:** Cooling MOSFET arrays or power modules.
- ⤷
What is the difference between push pin and adhesive mounting for heat sinks?
- ⤷ How do I calculate the thermal resistance needed for my specific IC?
- ⤷ What does the blue anodized coating do for heat dissipation?