ATS-11F-207-C2-R0
AI

The **ATS-11F-207-C2-R0** is a high-performance electronic component belonging to the **Heat Sink** category, specifically designed for thermal management in integrated circuits (ICs) and surface-mount devices (SMDs). It is manufactured by **Advanced Thermal Solutions (ATS)**.
Below is a detailed breakdown of its specifications and electronic characteristics.
---
### 1. Technical Specifications
This part is part of the "pushPIN™" family, known for its tool-free installation and high thermal efficiency.
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions, Inc. (ATS) |
| **Part Number** | ATS-11F-207-C2-R0 |
| **Heat Sink Type** | Push-pin Heat Sink |
| **Attachment Method** | Push-Pin (Plastic) |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Thermal Resistance** | 6.39 °C/W (at 100 LFM) |
| **Weight** | ~40-60 grams (Varies by density) |
---
### 2. Physical Dimensions
Precision measurements are critical for PCB clearance and ensuring no interference with surrounding components like capacitors or RAM.
* **Length (A):** 60.00 mm
* **Width (B):** 60.00 mm
* **Height (C):** 12.00 mm (Low profile)
* **Pitch (E):** 53.00 mm (Distance between mounting holes)
* **Pitch (F):** 53.00 mm
---
### 3. Thermal Performance Profile
Thermal resistance measures the component's ability to dissipate heat. Lower values indicate better cooling.
| Airflow Velocity (LFM) | Velocity (m/s) | Thermal Resistance (°C/W) |
| :--- | :--- | :--- |
| 100 | 0.5 | 6.39 |
| 200 | 1.0 | 4.48 |
| 300 | 1.5 | 3.70 |
| 400 | 2.0 | 3.24 |
| 500 | 2.5 | 2.92 |
---
### 4. Key Electronic & Mechanical Features
* **Push-Pin Mounting:** Uses a spring-loaded push-pin mechanism. This provides consistent pressure (clamping force) on the high-heat component, improving the efficiency of the thermal interface material (TIM).
* **XC (Extra Coarse) Fin Design:** The "F" in the part number often denotes a specific fin pattern designed for optimized airflow in high-density electronic enclosures.
* **Material Choice:** The use of **Aluminum 6063** provides a balance between high thermal conductivity and lightweight properties, preventing PCB warping.
* **Pre-Applied TIM:** These parts usually come with a pre-applied high-performance Thermal Interface Material (Phase Change Material) to ensure immediate out-of-the-box installation.
---
### 5. Common Applications
* **Networking Hardware:** Switches and routers.
* **Computing:** CPU/GPU cooling in embedded systems.
* **Power Electronics:** Dissipating heat from MOSFETs or voltage regulators.
* **Industrial Controls:** High-temperature sensors or control boards.
- ⤷
What is the significance of the Blue Anodized finish on this heat sink?
- ⤷ How does the push-pin mounting system compare to adhesive thermal tape?
- ⤷ Can this heat sink be used for passive cooling without a fan?