ATS-11F-24-C2-R0
AI

The **ATS-11F-24-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by **Advanced Thermal Solutions (ATS)**. It is part of the "push pin" series designed for cooling electronic components like CPUs, GPUs, or high-power transistors.
### 1. Technical Specifications
Below is a breakdown of the core technical parameters for this specific part number:
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | pushPIN™ |
| **Material** | Aluminum (Anodized) |
| **Attachment Method** | Push-Pin (Brass) |
| **Thermal Resistance** | 5.39°C/W (at 100 LFM) |
| **Dimensions (L x W x H)** | 40mm x 40mm x 25mm |
| **Fin Style** | Fine-Pitch (Cross-Cut) |
| **Color/Finish** | Blue Anodized |
---
### 2. Physical Design Features
The "C2" and "R0" suffixes in the part number refer to specific design and material choices:
* **Cross-Cut Fin Pattern:** The heat sink uses a grid-like fin structure. This increases surface area and allows for multi-directional airflow, making it more efficient than straight-fin designs in tight enclosures.
* **Push-Pin Attachment:** Instead of using messy thermal adhesives or complex screws, this part uses pre-assembled brass push-pins with a compression spring. This ensures consistent pressure on the component for optimal heat transfer.
* **Thermal Interface Material (TIM):** This part typically comes with **T766** pre-applied. This is a high-performance thermal pad/paste that fills microscopic air gaps between the heat sink and the chip.
---
### 3. Part Number Breakdown
Understanding the nomenclature helps identify the exact variant:
1. **ATS-11**: Series identifier (pushPIN™ Heat Sink).
2. **F**: Fin pitch/type (Fine pitch).
3. **24**: Height (25mm height).
4. **C2**: Material and Thermal Interface (Aluminum / T766 TIM).
5. **R0**: RoHS compliance status.
---
### 4. Application Use-Cases
* **PCB Components:** Ideal for BGA (Ball Grid Array) components measuring roughly 40mm x 40mm.
* **Embedded Systems:** Used in industrial PCs where vibration resistance (provided by the springs) is necessary.
* **Networking Hardware:** Cooling high-speed controllers in routers and switches.
- ⤷
How does the thermal resistance of this heat sink change at different airflow (LFM) levels?
- ⤷ What is the recommended hole size on the PCB for the push-pin mounting?
- ⤷ Can this heat sink be used with a custom thermal interface material instead of the pre-applied T766?