ATS-11F-31-C2-R0
AI

The **ATS-11F-31-C2-R0** is a high-performance electronic component specifically categorized as a **Heat Sink**, manufactured by **Advanced Thermal Solutions (ATS)**. It is part of the "push pin" series designed for cooling integrated circuits (ICs) and other PCB-mounted components.
---
### 1. Technical Specifications
The following table outlines the physical and thermal characteristics of this specific model:
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Part Number** | ATS-11F-31-C2-R0 |
| **Attachment Method** | Push-Pin (Plastic) |
| **Fin Type** | Straight Fin (Extruded) |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Dimensions** | 30.00mm x 30.00mm x 10.00mm |
| **Thermal Resistance** | 25.25°C/W (Unducted Flow @ 200 LFM) |
---
### 2. Key Design Features
This part is engineered for specific thermal management needs:
* **Push-Pin Attachment:** The part utilizes a spring-loaded push-pin mechanism. This ensures a consistent pressure on the processor/component, improving thermal interface material (TIM) performance.
* **Fin Geometry:** It features a "straight fin" design, which is optimized for **unidirectional airflow**. It is most effective when the fan or air current is aligned with the channels between the fins.
* **Thermal Interface Material (TIM):** This specific model typically comes with **T766** pre-applied, which is a phase-change thermal interface material designed to fill microscopic gaps between the heat sink and the chip.
* **Material Choice:** Made of Aluminum 6063, it offers a balance between lightweight construction and high thermal conductivity.
---
### 3. Applications
The ATS-11F-31-C2-R0 is commonly found in the following electronic environments:
1. **Telecommunications:** Cooling for small routers, switches, and network interface cards.
2. **Embedded Systems:** Industrial PCs where space is limited but heat dissipation is critical.
3. **Power Supplies:** Heat management for voltage regulators and MOSFETs.
4. **Consumer Electronics:** High-speed processing units in compact enclosures.
---
### 4. Mounting Requirements
To install this component, the PCB must have pre-drilled holes. For the "11F" series:
* **Hole Pattern:** Standardized to fit specific chip footprints.
* **Spring Type:** Usually features a stainless steel spring to maintain 1.5kg - 2.0kg of pressure.
- ⤷
What is the significance of the 'Blue Anodized' finish on this heat sink?
- ⤷ How does 'Unducted Flow' differ from 'Ducted Flow' in thermal testing?
- ⤷ Can the push-pin mechanism be replaced with thermal adhesive for this model?