ATS-11F-40-C3-R0
AI

The **ATS-11F-40-C3-R0** is a specific electronic component manufactured by **Advanced Thermal Solutions (ATS)**. It belongs to the high-performance push-pin heat sink category, specifically designed for thermal management of semiconductors and integrated circuits (ICs).
---
## 1. Technical Specifications
Below are the primary physical and thermal characteristics of the part:
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | pushPIN™ |
| **Base Dimensions** | 40mm x 40mm |
| **Height** | 25mm |
| **Attachment Method** | Push-Pin (Plastic or Brass) |
| **Material** | Aluminum (Blue Anodized) |
| **Fin Style** | Straight Fin |
| **Thermal Resistance** | Approx. 1.25°C/W (at 200 LFM) |
---
## 2. Key Component Features
### A. pushPIN™ Attachment System
The "11F" in the part number indicates the specific attachment mechanism. This system allows for:
* **Easy Installation:** Pre-drilled holes in the PCB allow the spring-loaded pins to snap into place.
* **Constant Pressure:** Ensures optimal contact between the heat sink and the electronic component (CPU, FPGA, or GPU).
* **Flexibility:** Multiple spring and pin materials are available to match different board thicknesses.
### B. Thermal Interface Material (TIM)
The **"R0"** suffix typically indicates that the part comes pre-applied with a high-performance **Phase Change Material (PCM)** or thermal tape. This eliminates the need for manual application of thermal grease during assembly, ensuring a consistent and thin layer for maximum heat transfer.
### C. Material and Finish
* **Aluminum 6063:** Chosen for its high thermal conductivity and lightweight properties.
* **Blue Anodized Finish:** Provides a layer of protection against corrosion and minor electrical insulation, while also increasing emissivity for better radiation cooling.
---
## 3. Application Use-Cases
This specific heat sink is commonly found in the following electronic environments:
1. **Telecommunications:** Cooling of high-speed network switches and routers.
2. **Industrial PC (IPC):** Thermal management for processors in ruggedized environments.
3. **Power Electronics:** Dissipating heat from MOSFETs or IGBT modules.
4. **Embedded Systems:** Protecting microcontrollers that operate under high load.
---
## 4. Part Number Breakdown (Nomenclature)
| Segment | Meaning |
| :--- | :--- |
| **ATS** | Advanced Thermal Solutions |
| **11** | Series Number (pushPIN™) |
| **F** | Fin Pitch / Configuration |
| **40** | Length/Width (40mm) |
| **C3** | Height code (Specific to 25mm height) |
| **R0** | Thermal Interface Material / RoHS Compliance |
- ⤷
What are the alternative attachment methods to the push-pin system?
- ⤷ How does air velocity (LFM) impact the thermal resistance of this part?
- ⤷ Can this heat sink be customized for different PCB thicknesses?