ATS-11F-52-C3-R0
AI

The **ATS-11F-52-C3-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is part of the "push pin" series designed for cooling processors and high-power integrated circuits.
---
### 1. Technical Specifications
The following table outlines the mechanical and thermal characteristics of this specific part:
| Parameter | Specification |
| :--- | :--- |
| **Material** | Aluminum (Blue Anodized) |
| **Heat Sink Type** | XCUT (Cross-cut) |
| **Dimensions** | 35mm x 35mm x 15mm |
| **Attachment Method** | Push Pin (Plastic) |
| **Spring Type** | Brass |
| **Thermal Interface Material (TIM)** | T766 (Pre-applied) |
| **Fin Style** | Straight (Cross-cut for multidirectional flow) |
---
### 2. Breakdown of the Part Number
The part number follows a specific nomenclature used by Advanced Thermal Solutions:
* **ATS**: Manufacturer prefix (Advanced Thermal Solutions).
* **11F**: Series designation (likely related to fin density and pitch).
* **52**: Specific geometry/footprint identifier.
* **C3**: Indicates the fin height and the specific Thermal Interface Material (TIM) configuration.
* **R0**: Revision or packaging code (Standard ROHS compliant).
---
### 3. Key Electronic Functions
While the heat sink itself is passive (non-electronic), it serves critical functions for the electronic circuit:
1. **Thermal Dissipation**: It increases the surface area of the component (e.g., FPGA, GPU, or CPU), allowing heat to transfer more efficiently into the ambient air via convection.
2. **Thermal Interface (T766)**: The pre-applied T766 material fills microscopic air gaps between the chip and the heat sink, significantly reducing thermal resistance.
3. **Mechanical Stability**: The push-pin attachment ensures constant pressure on the semiconductor, which is vital for maintaining a consistent thermal path even under vibration.
4. **Cross-cut Design**: This allows the component to be cooled effectively regardless of the direction of the airflow inside the chassis (multidirectional airflow).
---
### 4. Applications
* **Networking Hardware**: Routers and switches with high-speed processing chips.
* **Embedded Systems**: Industrial computers where space is limited but cooling is critical.
* **Power Electronics**: Cooling voltage regulators or power modules.
- ⤷
What are the differences between push-pin and adhesive mounting for this heat sink?
- ⤷ What is the thermal resistance value (Celsius/Watt) for the ATS-11F-52-C3-R0?
- ⤷ Are there alternative Thermal Interface Materials available for this series?