ATS-11F-86-C3-R0
AI

The **ATS-11F-86-C3-R0** is a specific electronic component primarily categorized as a **High-Performance Heat Sink**. It is part of the Advanced Thermal Solutions (ATS) "maxiFLOW™" series, designed for cooling electronic integrated circuits (ICs) and surface-mount devices (SMDs).
### 1. Technical Specifications
The following table outlines the physical and thermal properties of the component:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Part Number** | ATS-11F-86-C3-R0 |
| **Heat Sink Type** | maxiFLOW™ |
| **Material** | Aluminum (Blue Anodized) |
| **Attachment Method** | pushPIN™ |
| **Dimensions (L x W x H)** | 35.0mm x 35.0mm x 10.0mm |
| **Thermal Resistance** | 6.04 °C/W (Unducted Flow @ 200 LFM) |
| **Fin Style** | Spread Fin (Optimized for airflow) |
---
### 2. Key Electronic & Mechanical Design Features
#### A. The pushPIN™ Attachment System
Unlike traditional adhesive-based heat sinks, the "R0" designation indicates it uses a **pushPIN™** system. This consists of:
* **Spring-loaded Pins:** Provides precise pressure (pre-assembled) to ensure optimal thermal interface contact.
* **Ease of Rework:** Allows for the heat sink to be removed and re-attached without damaging the PCB or the chip.
#### B. Thermal Performance (maxiFLOW™ Design)
The "F" in the part number refers to the **maxiFLOW™** geometry.
* **Spread Fin Pattern:** The fins are angled outwards. This reduces pressure drop and increases the surface area exposed to moving air, making it more efficient than standard square-cut heat sinks.
* **Thermal Interface Material (TIM):** This specific model typically comes with a pre-applied thermal pad or phase-change material (often T766) to ensure low thermal resistance between the component and the sink.
#### C. Component Compatibility
This part is specifically engineered for:
* **BGA (Ball Grid Array) Packages:** Common in high-speed CPUs, FPGAs, and GPUs.
* **Limited Height Enclosures:** With a height of only 10mm, it is suitable for low-profile 1U server racks or compact industrial computers.
---
### 3. Applications
* **Telecommunications:** Cooling of networking switches and routers.
* **Embedded Systems:** Industrial controllers and IoT gateways.
* **Power Electronics:** Dissipating heat from high-speed power converters.
- ⤷
What are the benefits of pushPIN™ attachment compared to thermal tape?
- ⤷ How does the 'Blue Anodized' finish affect thermal performance?
- ⤷ Can this heat sink be used with a custom fan shroud?