ATS-11F-91-C3-R0
AI

The **ATS-11F-91-C3-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by *Advanced Thermal Solutions (ATS)*. It belongs to the **maxiFLOW™** series, designed for high-efficiency cooling of surface-mount components like CPUs, GPUs, or FPGAs.
---
### 1. Technical Specifications
The following table outlines the physical and thermal characteristics of the part:
| Parameter | Specification |
| :--- | :--- |
| **Type** | Heat Sink (BGA/Chipset Cooling) |
| **Attachment Method** | pushPIN™ |
| **Material** | Aluminum (Blue Anodized Finish) |
| **Thermal Resistance** | 33.02° C/W (Unducted Flow @ 200 LFM) |
| **Dimensions (L x W x H)** | 40.00mm x 40.00mm x 10.00mm |
| **Fin Style** | maxiFLOW (High Performance) |
| **Pitch** | Fine Pitch |
---
### 2. Key Component Features
#### A. maxiFLOW™ Design
The "maxiFLOW" geometry features a spread fin structure. Unlike standard straight-fin heat sinks, this design reduces pressure drop and increases the surface area exposed to airflow, which is critical for densely packed electronic enclosures.
#### B. pushPIN™ Attachment
The part uses the proprietary **pushPIN™** system, which includes:
* **Brass Component:** A durable attachment pin.
* **Compression Spring:** Ensures consistent interface pressure between the heat sink and the electronic chip to maximize heat transfer.
* **Ease of Assembly:** Requires pre-drilled holes in the PCB for secure mounting.
#### C. Phase Change Material (TIM)
The suffix often indicates the Thermal Interface Material (TIM). This specific model usually comes with **T412** or similar pre-applied thermal tape or grease, ensuring there are no air gaps between the component and the sink.
---
### 3. Application Use Cases
This part is typically found in the following electronic environments:
1. **Telecommunications:** Cooling high-speed switching silicon.
2. **Embedded Systems:** Industrial PCs where space is limited but heat density is high.
3. **Power Electronics:** Managing heat for voltage regulators or power modules.
---
### 4. Part Number Breakdown (Example)
* **ATS:** Advanced Thermal Solutions (Manufacturer)
* **11:** Series identifier
* **F:** Fin height/Style code
* **91:** Size/Specific footprint identifier
* **C3:** Material/Finish code (Blue Anodized)
* **R0:** Revision or Packaging code
- ⤷
What are the alternative attachment methods for this heat sink if the PCB lacks holes?
- ⤷ How does the pressure drop of the maxiFLOW design compare to standard straight-fin sinks?
- ⤷ What is the maximum operating temperature for the pre-applied T412 thermal interface material?