ATS-12A-159-C1-R0
AI

The **ATS-12A-159-C1-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink**, manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic integrated circuits (ICs), such as CPUs, FPGAs, or GPUs.
---
## 1. Technical Specifications
The part number provides specific details about its physical and thermal characteristics.
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ |
| **Fin Type** | XCUT (Cross-cut) |
| **Dimensions** | 45mm x 45mm x 10mm |
| **Thermal Resistance** | 10.68°C/W (@ 100 LFM / 0.5 m/s) |
| **Compliance** | RoHS Compliant |
---
## 2. Key Design Features
### A. pushPIN™ Attachment
Unlike standard adhesive tapes, this model uses the **pushPIN™** system. This consists of a spring-loaded pin that secures the heat sink to the PCB through pre-drilled holes.
* **Benefits:** Provides consistent pressure for optimal thermal interface material (TIM) performance and allows for easy re-work.
### B. XCUT Fin Design
The fins are designed in an "X-Cut" or cross-cut pattern.
* **Airflow:** This geometry is optimized for **omni-directional airflow**, meaning the heat sink remains effective even if the air is not blowing directly in one specific linear path.
* **Efficiency:** It increases the surface area and creates turbulence, which helps strip heat away from the aluminum more efficiently.
### C. Thermal Interface Material (TIM)
The "R0" suffix typically indicates that the part comes with a pre-applied **Thermal Interface Material** (usually a phase-change material or high-performance pad) to ensure there are no air gaps between the component and the heat sink.
---
## 3. Physical Dimensions Breakdown
* **Length:** 45.00 mm
* **Width:** 45.00 mm
* **Height:** 10.00 mm (Low profile)
* **Pitch:** The hole-to-hole distance is standardized to fit specific PCB layouts (typically 38mm).
---
## 4. Application Use Cases
This heat sink is intended for components that generate moderate heat in space-constrained environments:
1. **Networking Gear:** Switches and routers where vertical space is limited.
2. **Embedded Systems:** Industrial PCs and motherboards.
3. **Power Supplies:** Cooling MOSFETs or voltage regulators.
- ⤷
How do I calculate the required airflow (LFM) for this specific heat sink?
- ⤷ What is the difference between Blue Anodized and Black Anodized finishes in thermal performance?
- ⤷ Does this model include the springs and pins
- ⤷ or are they sold separately?