ATS-12B-23-C2-R0
AI

The **ATS-12B-23-C2-R0** is a specific part number for a high-performance **Heatsink** manufactured by **Advanced Thermal Solutions (ATS)**. It is part of their "maxiFLOW" series, designed for cooling electronic components like CPUs, GPUs, and FPGAs.
---
### 1. Technical Specifications
The part number follows a specific nomenclature that defines its physical and thermal characteristics:
| Property | Specification | Details |
| :--- | :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions | Specialized in thermal management. |
| **Material** | Aluminum | Blue Anodized finish for durability and aesthetics. |
| **Thermal Resistance** | 12.00°C/W (Unducted) | Performance at 200 LFM (Linear Feet per Minute). |
| **Mounting Type** | pushPIN™ | Uses a spring-loaded pin for secure attachment. |
| **Dimensions** | 60.00mm x 40.00mm | The "Footprint" of the heatsink. |
| **Height** | 9.50mm | Low-profile design for compact enclosures. |
| **Attachment** | Brass Component | Includes a stainless steel spring and brass hardware. |
---
### 2. Design Characteristics
The ATS-12B-23-C2-R0 utilizes a specialized design to maximize heat dissipation in constrained spaces:
* **maxiFLOW™ Fin Structure:** This heatsink uses a "flared" fin design. The fins spread outwards, which increases the surface area and creates more turbulence in the airflow, leading to better cooling efficiency compared to standard straight-fin heatsinks.
* **pushPIN™ Attachment:** This system replaces traditional adhesive tapes. It ensures a consistent pressure (Force) between the heatsink and the electronic component, which is critical for maximizing the effectiveness of the Thermal Interface Material (TIM).
* **Thermal Interface Material (TIM):** This specific model typically comes pre-applied with **T766**, a high-performance thermal phase-change material or grease, ensuring immediate "out-of-the-box" installation.
---
### 3. Common Applications
This part is generally used in industrial and high-reliability electronics where heat management is critical:
1. **Telecommunications:** Cooling of high-speed networking chips.
2. **Embedded Systems:** For use in fanless or forced-air industrial PCs.
3. **Power Electronics:** Dissipating heat from voltage regulators and power modules.
---
### 4. Part Number Breakdown
```text
ATS - 12 B - 23 - C2 - R0
| | | | | |
| | | | | Revision/Finish (Blue Anodized)
| | | | Thermal Interface Material (T766)
| | | Height Code (9.5mm)
| | Series/Fin Style (maxiFLOW)
| Thermal Resistance Class
Brand (Advanced Thermal Solutions)
```
- ⤷
What are the alternatives to pushPIN mounting for this heatsink?
- ⤷ How does the 'flared fin' design compare to traditional straight fins in terms of airflow?
- ⤷ Can this heatsink be used in a passive cooling environment without fans?