ATS-12B-34-C2-R0
AI

The **ATS-12B-34-C2-R0** is a high-performance electronic thermal management component, specifically an **Advanced Thermal Solutions (ATS) Heatsink**. It belongs to the "maxiFLOW™" product line, designed for cooling high-power semiconductors.
### 1. Technical Specifications
Below are the primary technical parameters for this specific part number:
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions Inc. (ATS) |
| **Series** | maxiFLOW™ |
| **Material** | Aluminum (with Blue Anodized Finish) |
| **Thermal Resistance** | 3.90°C/W @ 200 LFM |
| **Attachment Method** | pushPIN™ |
| **Dimensions (L x W x H)** | 36.83mm x 36.83mm x 22.86mm |
| **Airflow Pattern** | Directional / High Performance |
| **TIM (Thermal Interface Material)** | T766 (Pre-applied) |
---
### 2. Key Electronic Components & Features
#### A. The pushPIN™ Attachment System
Unlike standard adhesive-backed heatsinks, the `R0` suffix indicates it uses the **pushPIN™** system. This consists of a brass or plastic pin and a high-performance compression spring.
* **Purpose:** Ensures consistent pressure on the electronic component (CPU, GPU, or FPGA), maximizing heat transfer.
* **Reliability:** Prevents the heatsink from shifting during mechanical shock or vibration.
#### B. maxiFLOW™ Fin Design
The fins on this unit are not simple straight extrusions. They feature a **tapered, flared fin geometry**.
* **Fluid Dynamics:** This design maximizes the surface area for a given footprint and creates turbulence to improve heat dissipation in forced-air environments.
* **Efficiency:** It reduces the pressure drop, allowing the system's cooling fans to work more efficiently.
#### C. Thermal Interface Material (TIM)
The part comes with **T766** pre-applied to the base.
* **Function:** This is a high-conductivity material that fills microscopic air gaps between the semiconductor die and the aluminum heatsink base.
* **Benefit:** Eliminates the need for manual thermal paste application, ensuring a uniform layer for industrial production.
---
### 3. Part Number Breakdown
Understanding the nomenclature helps in identifying its specific electronics role:
1. **ATS-12**: Denotes the specific family/series of the heatsink.
2. **B**: Indicates the attachment style (pushPIN™).
3. **34**: Represents the physical size/footprint code.
4. **C2**: Refers to the thermal performance/height characteristics.
5. **R0**: Indicates the version or revision (Standard production).
---
### 4. Application Use Cases
This part is commonly found in the following electronic systems:
* **Networking Hardware:** Cooling high-speed chips in routers and switches.
* **Embedded Systems:** Industrial PCs and automation controllers.
* **Power Supplies:** Managing heat for MOSFETs or IGBTs.
* **Telecommunications:** Base stations and data transmission modules.
- ⤷What is the difference between pushPIN and adhesive heatsink mounting?
- ⤷ Can this heatsink be used in passive cooling environments?
- ⤷ How does the T766 thermal interface material compare to standard thermal grease?