ATS-12B-53-C2-R0
AI

The **ATS-12B-53-C2-R0** is a high-performance electronic component specifically designed for **thermal management**. It is a heat sink from Advanced Thermal Solutions (ATS) belonging to the **maxiFLOW™** series.
---
### 1. Technical Specifications
The part number follows a specific nomenclature that defines its physical and thermal characteristics:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions, Inc. (ATS) |
| **Base Part Number** | ATS-12B-53-C2-R0 |
| **Dimensions (L x W x H)** | 36.83mm x 36.83mm x 22.86mm |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ |
| **Thermal Resistance** | 8.57°C/W (at 100 LFM) |
---
### 2. Key Electronic Components & Design
This part is not an active electronic component (like a chip) but a passive mechanical component essential for the stability of electronics:
* **Fins (maxiFLOW™ Design):** The heat sink uses a high-aspect-ratio fin design that increases the surface area. This allows for maximum heat dissipation in constrained spaces.
* **pushPIN™ Attachment:** It features a specialized attachment mechanism (plastic or brass pins with springs). This ensures the correct **interface pressure** between the heat sink and the electronic component (CPU, GPU, or FPGA), which is critical for efficient heat transfer.
* **Thermal Interface Material (TIM):** This specific model typically comes with **T766** pre-applied. TIM fills microscopic air gaps between the component and the heat sink to reduce thermal resistance.
---
### 3. Applications
The ATS-12B-53-C2-R0 is used to cool high-heat-generating components in the following industries:
1. **Telecommunications:** Cooling of high-speed routers and switches.
2. **Embedded Systems:** Protecting processors in industrial computers.
3. **Power Electronics:** Managing heat in power converters and high-density PCB layouts.
---
### 4. Thermal Performance Overview
Performance varies based on the velocity of the air (measured in Linear Feet per Minute - LFM):
| Air Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 100 (0.5 m/s) | 8.57 |
| 300 (1.5 m/s) | 3.12 |
| 500 (2.5 m/s) | 2.11 |
- ⤷
What is the difference between blue anodized and black anodized finishes for heat sinks?
- ⤷ How do I calculate if this heat sink is sufficient for a 10W chip?
- ⤷ What are the advantages of pushPIN attachment over adhesive tape?